Electronic Components Datasheet Search
  English  ▼

X  

PHMB1200B12 Datasheet (PDF) - Nihon Inter Electronics Corporation

PHMB1200B12 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PHMB1200B12
Download  PHMB1200B12 Download
File Size   197.51 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 1200A 1200V

PHMB1200B12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHMB1200B12 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PHMB1200B12
Download  PHMB1200B12 Click to download

File Size   197.51 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 1200A 1200V

PHMB1200B12 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PHMB1200B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB1200B12 NIEC-PHMB1200B12 Datasheet
156Kb / 3P
IGBT MODULE Single 1200A 1200V
More results


Similar Description - PHMB1200B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB1200B12 NIEC-PHMB1200B12 Datasheet
156Kb / 3P
IGBT MODULE Single 1200A 1200V
logo
Fuji Electric
2MBI1200U4G-120 FUJI-2MBI1200U4G-120 Datasheet
581Kb / 6P
IGBT MODULE (U series) 1200V / 1200A / 2 in one package
logo
Nihon Inter Electronics...
PCHMB200B12A NIEC-PCHMB200B12A_1 Datasheet
202Kb / 3P
200A 1200V
PCHMB300B12 NIEC-PCHMB300B12_1 Datasheet
200Kb / 3P
300A, 1200V
PRHMB75B12 NIEC-PRHMB75B12_1 Datasheet
207Kb / 3P
75A 1200V
PRHMB150B12 NIEC-PRHMB150B12_1 Datasheet
202Kb / 3P
150A 1200V
PRHMB200B12A NIEC-PRHMB200B12A_1 Datasheet
202Kb / 3P
200A 1200V
PRHMB300B12A NIEC-PRHMB300B12A_1 Datasheet
200Kb / 3P
300A 1200V
logo
Cooper Bussmann, Inc.
FWP-300 COOPER-FWP-300 Datasheet
50Kb / 2P
FWP 700V 5-1200A
logo
National Instruments Co...
PBMB75B12 NI-PBMB75B12_15 Datasheet
198Kb / 3P
75A, 1200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com