Electronic Components Datasheet Search
  English  ▼

X  

2SA812-M5 Datasheet (PDF) - Micro Commercial Components

2SA812-M5 Datasheet PDF - Micro Commercial Components
Part # 2SA812-M5
Download  2SA812-M5 Download
File Size   207.06 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Epitaxial Transistors

2SA812-M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA812-M5 Datasheet PDF - Micro Commercial Components

Part # 2SA812-M5
Download  2SA812-M5 Click to download

File Size   207.06 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Epitaxial Transistors

2SA812-M5 Datasheet (HTML) - Micro Commercial Components


2SA812-M5 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• High DC Current Gain:90Љ hFEЉ 600.(VCE=-6.0V, IC=-1mA)
• High voltage: VCEO=-50V
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 2SA812-M5

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA812-M5 KEXIN-2SA812-M5 Datasheet
877Kb / 2P
PNP Transistors
logo
Micro Commercial Compon...
2SA812-M5 MCC-2SA812-M5 Datasheet
398Kb / 4P
PNP Silicon Epitaxial Transistors
logo
Guangdong Kexin Industr...
2SA812-M5-HF KEXIN-2SA812-M5-HF Datasheet
1Mb / 2P
PNP Transistors
More results


Similar Description - 2SA812-M5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
SBCP53T1G ONSEMI-SBCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
logo
Micro Commercial Compon...
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com