Electronic Components Datasheet Search
  English  ▼

X  

PCH6016 Datasheet (PDF) - Nihon Inter Electronics Corporation

PCH6016 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PCH6016
Download  PCH6016 Download
File Size   253.6 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 60A Avg 1200~1600 Volts

PCH6016 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCH6016 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PCH6016
Download  PCH6016 Click to download

File Size   253.6 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 60A Avg 1200~1600 Volts

PCH6016 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PCH6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH6016 NIEC-PCH6016 Datasheet
269Kb / 5P
THYRISTOR MODULE 60A/1200 to 1600V
More results


Similar Description - PCH6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT15012 NIEC-PDT15012 Datasheet
248Kb / 4P
150A Avg 1200~1600 Volts
PD60KN16 NIEC-PD60KN16 Datasheet
155Kb / 2P
DIODE 60A Avg 1600 Volts
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
PC6012 NIEC-PC6012_1 Datasheet
151Kb / 2P
60A Avg 1200 1600 Volts
PC15012 NIEC-PC15012_1 Datasheet
169Kb / 2P
150A Avg 1200 1600 Volts
PC20012 NIEC-PC20012_1 Datasheet
153Kb / 2P
200A Avg 1200 1600 Volts
PC25012 NIEC-PC25012_1 Datasheet
152Kb / 2P
250A Avg 1200 1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
100A Avg 1200~1600 Volts
PT76S12 NIEC-PT76S12_1 Datasheet
117Kb / 2P
75A Avg 1200 1600 Volts
PT200S12 NIEC-PT200S12_1 Datasheet
123Kb / 2P
200A Avg 1200~1600 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com