Electronic Components Datasheet Search
  English  ▼

X  

SMFB14 Datasheet (PDF) - KEC(Korea Electronics)

SMFB14 Datasheet PDF - KEC(Korea Electronics)
Part # SMFB14
Download  SMFB14 Download
File Size   270.54 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE

SMFB14 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMFB14 Datasheet PDF - KEC(Korea Electronics)

Part # SMFB14
Download  SMFB14 Click to download

File Size   270.54 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE

SMFB14 Datasheet (HTML) - KEC(Korea Electronics)


SMFB14 Product details

SWITCHING TYPE POWER SUPPLY APPLICATIONS.

FEATURES
• Repetitive Peak Reverse Voltage : VRRM=40V.
• Averge Output Rectitifed Current : IO=1.0A.
• Feak Forward Voltage : VFM=0.50V(max.)
• For Use in Low Voltage, High Frequency inverters, Free
   Wheeling, and Polarity Protection Applications.

APPLICATION
• Switching Power Supply.
• Reversed Battery Connection Protection.
• DC/DC Converter.
• Cellular Phones.




Similar Part No. - SMFB14

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMFB14 KEC-SMFB14 Datasheet
259Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Similar Description - SMFB14

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com