Electronic Components Datasheet Search
  English  ▼

X  

PG24FAS23 Datasheet (PDF) - KEC(Korea Electronics)

PG24FAS23 Datasheet PDF - KEC(Korea Electronics)
Part # PG24FAS23
Download  PG24FAS23 Download
File Size   398.55 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TVS Diode Array for ESD Protection in Portable Electronics

PG24FAS23 Datasheet (PDF)

Go To PDF Page Download Datasheet
PG24FAS23 Datasheet PDF - KEC(Korea Electronics)

Part # PG24FAS23
Download  PG24FAS23 Click to download

File Size   398.55 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TVS Diode Array for ESD Protection in Portable Electronics

PG24FAS23 Datasheet (HTML) - KEC(Korea Electronics)


PG24FAS23 Product details

Protection in Portable Electronics Applications.

FEATURES
• 350 Watts peak pulse power (tp=8/20μ s)
• Transient protection for data lines to
   IEC61000-4-2(ESD) 15kV(Air), 8kV(Contact)
   IEC61000-4-4(EFT) 40A(tp=5/50ns)
   IEC61000-4-5(Lightning) 8A(tp=8/20μ s)
• Standard SOT-23 Package.
• Protects one Bidirectional line or two Unidirectional Lines.
• Low clamping voltage.
• Low leakage current.
• Suffix U : Qualified to AEC-Q101.
                  ex) PG24FAS23-RTK/HU
   
• Cell phone handsets and accessories.
• Microprocessor based equipment.
• Industrial Controls.
• Personal digital assistants (PDAs)
• Notebooks, desktops PC, & servers.
• Portable instrumentation.
• Set-Top Box, DVD Player.




Similar Part No. - PG24FAS23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG24FAS23 KEC-PG24FAS23_15 Datasheet
504Kb / 2P
Protection in Portable Electronics
More results


Similar Description - PG24FAS23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03DXTEV KEC-PG03DXTEV_08 Datasheet
68Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG03GXUS6 KEC-PG03GXUS6 Datasheet
35Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG05GBUSV KEC-PG05GBUSV Datasheet
37Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG05GXTE6 KEC-PG05GXTE6 Datasheet
57Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG05GXUS6 KEC-PG05GXUS6 Datasheet
35Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG05TADF10 KEC-PG05TADF10 Datasheet
60Kb / 3P
TVS Diode Array for ESD Protection in Portable Electronics
PG05TXUS6 KEC-PG05TXUS6 Datasheet
55Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG12FXTE6 KEC-PG12FXTE6 Datasheet
35Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG12GAS23 KEC-PG12GAS23_09 Datasheet
36Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
PG12GXTS6 KEC-PG12GXTS6 Datasheet
399Kb / 2P
TVS Diode Array for ESD Protection in Portable Electronics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com