Electronic Components Datasheet Search
  English  ▼

X  

LMZ14202HTZE Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LMZ14202HTZE Datasheet PDF - National Semiconductor (TI)
Part # LMZ14202HTZE
Download  LMZ14202HTZE Download
File Size   540.14 Kbytes
Page   20 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2A SIMPLE SWITCHER Power Module for High Output Voltage

LMZ14202HTZE Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ14202HTZE Datasheet PDF - National Semiconductor (TI)

Part # LMZ14202HTZE
Download  LMZ14202HTZE Click to download

File Size   540.14 Kbytes
Page   20 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2A SIMPLE SWITCHER Power Module for High Output Voltage

LMZ14202HTZE Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LMZ14202HTZE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ14202HTZE/NOPB TI-LMZ14202HTZE/NOPB Datasheet
1Mb / 28P
LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ14202HTZE/NOPB TI2-LMZ14202HTZE/NOPB Datasheet
780Kb / 32P
LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
REVISED OCTOBER 2015
LMZ14202HTZE/NOPB.A TI2-LMZ14202HTZE/NOPB.A Datasheet
780Kb / 32P
LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
REVISED OCTOBER 2015
LMZ14202HTZE/NOPB.B TI2-LMZ14202HTZE/NOPB.B Datasheet
780Kb / 32P
LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
REVISED OCTOBER 2015
More results


Similar Description - LMZ14202HTZE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14203HTZ NSC-LMZ14203HTZ Datasheet
632Kb / 20P
3A SIMPLE SWITCHER Power Module for High Output
LMZ14203H_1106 NSC-LMZ14203H_1106 Datasheet
632Kb / 20P
3A SIMPLE SWITCHER짰 Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202H TI-LMZ14202H Datasheet
1Mb / 28P
LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
LMZ20502 2A SIMPLE SWITCHER Nano Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ14202H TI-LMZ14202H_15 Datasheet
1Mb / 31P
LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Module
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
2A SIMPLE SWITCHER Nano Module
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com