Electronic Components Datasheet Search
  English  ▼

X  

NX7102 Datasheet (PDF) - Microsemi Corporation

NX7102 Datasheet PDF - Microsemi Corporation
Part # NX7102
Download  NX7102 Download
File Size   331.04 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A High Voltage Synchroous Buck Converter

NX7102 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX7102 Datasheet PDF - Microsemi Corporation

Part # NX7102
Download  NX7102 Click to download

File Size   331.04 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A High Voltage Synchroous Buck Converter

NX7102 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - NX7102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX71SA PERICOM-NX71SA Datasheet
794Kb / 2P
2.5V/3.3V CMOS FS XO
NX71SB PERICOM-NX71SB Datasheet
795Kb / 2P
2.5V/3.3V CMOS FS XO
More results


Similar Description - NX7102

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
PWM Control 3A Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
3A, 1.25MHz High Performance Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
High Efficiency 3A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
G5642 GMT-G5642 Datasheet
75Kb / 1P
3A Buck Converter
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013 RENESAS-ZSPM4013 Datasheet
796Kb / 21P
ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
High Efficiency 3A Synchronous Buck Converter
January 25, 2016
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com