Electronic Components Datasheet Search
  English  ▼

X  

MSMLG11A Datasheet (PDF) - Microsemi Corporation

MSMLG11A Datasheet PDF - Microsemi Corporation
Part # MSMLG11A
Download  MSMLG11A Download
File Size   281.28 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT 3000 Watt Transient Voltage Suppressor

MSMLG11A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSMLG11A Datasheet PDF - Microsemi Corporation

Part # MSMLG11A
Download  MSMLG11A Click to download

File Size   281.28 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT 3000 Watt Transient Voltage Suppressor

MSMLG11A Datasheet (HTML) - Microsemi Corporation


MSMLG11A Product details

FEATURES
● High reliability controlled devices with wafer fabrication and assembly lot traceability
● 100 % surge tested devices
● Optional upscreening available by replacing the M prefix
   with MA, MX or MXL. These prefixes specify
   various screening and conformance inspection options based on MIL-PRF-19500.
   Refer to MicroNote 129 for more details on the screening options.
● Axial-lead equivalent packages for thru-hole mounting available as
   M5KP5.0A to M5KP110CA with 5000 W rating, (consult factory for other surface mount options)
● Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
● RoHS compliant devices available by adding an “e3” suffix
● 3σ lot norm screening performed on Standby Current ID

APPLICATIONS / BENEFITS
● Suppresses transients up to 3000 watts @ 10/1000 µs
● Protection from switching transients and induced RF
● Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4
● Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   o Class 1 & 2: MSML5.0A to MSML 170ACA
   o Class 3: MSML5.0A to MSML150CA
   o Class 4: MSML5.0A to MSML75CA
● Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
   o Class 1: MSML5.0A to MSML170CA
   o Class 2: MSML5.0A to MSML90CA
   o Class 3: MSML5.0A to MSML48CA
   o Class 4: MSML5.0A to MSML24CA
● Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
   o Class 2: MSML5.0A to MSML43CA
   o Class 3: MSML5.0A to MSML22CA
   o Class 4: MSML5.0A to MSML10CA




Similar Part No. - MSMLG11A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMLG11A MICROSEMI-MSMLG11A Datasheet
181Kb / 4P
MSMLJ5.0A thru MSMLJ170CA, e3 and MSMLG5.0A thru MSMLG170CA, e3
More results


Similar Description - MSMLG11A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
3000 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ30ATR MICROSEMI-SMBJ30ATR Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMLJ5.0 MICROSEMI-SMLJ5.0 Datasheet
195Kb / 4P
SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com