Electronic Components Datasheet Search
  English  ▼

X  

ADG5213 Datasheet (PDF) - Analog Devices

ADG5213 Datasheet PDF - Analog Devices
Part # ADG5213
Download  ADG5213 Download
File Size   339.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection

ADG5213 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG5213 Datasheet PDF - Analog Devices

Part # ADG5213
Download  ADG5213 Click to download

File Size   339.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection

ADG5213 Datasheet (HTML) - Analog Devices


ADG5213 Product details

GENERAL DESCRIPTION
The ADG5212/ADG5213 contain four independent single-pole/single-throw (SPST) switches. The ADG5212 switches turn on with Logic 1. The ADG5213 has two switches with digital control logic similar to that of the ADG5212; however, the logic is inverted on the other two switches. Each switch conducts equally well in both directions when on, and each switch has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked.

FEATURES
   Latch-up proof
   3 pF off source capacitance
   5 pF off drain capacitance
   0.07 pC charge injection
   Low leakage: 0.2 nA maximum at 85ºC
   ±9 V to ±22 V dual-supply operation
   9 V to 40 V single-supply operation
   48 V supply maximum ratings
   Fully specified at ±15 V, ±20 V, +12 V, and +36 V
   VSS to VDD analog signal range

APPLICATIONS
   Automatic test equipment
   Data acquisition
   Instrumentation
   Avionics
   Audio and video switching
   Communication systems




Similar Part No. - ADG5213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BCPZ-RL7 AD-ADG5204BCPZ-RL7 Datasheet
341Kb / 20P
High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ AD-ADG5204BRUZ Datasheet
341Kb / 20P
High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ-RL7 AD-ADG5204BRUZ-RL7 Datasheet
341Kb / 20P
High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5206 AD-ADG5206 Datasheet
427Kb / 28P
High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
More results


Similar Description - ADG5213

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
04-Feb-08
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
logo
Vishay Siliconix
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com