Electronic Components Datasheet Search
  English  ▼

X  

M68HC11KA Datasheet (PDF) - Motorola, Inc

M68HC11KA Datasheet PDF - Motorola, Inc
Part # M68HC11KA
Download  M68HC11KA Download
File Size   365.05 Kbytes
Page   68 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Microcontroller

M68HC11KA Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC11KA Datasheet PDF - Motorola, Inc

Part # M68HC11KA
Download  M68HC11KA Click to download

File Size   365.05 Kbytes
Page   68 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Microcontroller

M68HC11KA Datasheet (HTML) - Motorola, Inc


M68HC11KA Product details

Introduction

The MC68HC11KA4 family of microcontrollers are enhanced derivatives of the MC68HC11F1 and, as shown in the block diagram, include many additional features. The family includes the C68HC11KA0, MC68HC11KA1, MC68HC11KA3, MC68HC11KA4, MC68HC711KA4,  MC68HC11KA2, and the MC68HC711KA2. These MCUs, with a non-multiplexed expanded bus, are characterized by high speed and low power consumption. The fully static design allows operation at frequencies from 4 MHz to dc.



Features

• M68HC11 Central Processing Unit (CPU)

• Power Saving STOP and WAIT Modes

• 768 Bytes RAM in MC68HC11KA4, 1024 Bytes RAM in MC68HC11KA2 (Saved During Standby)

• 640 Bytes Electrically Erasable Programmable ROM (EEPROM)

• 24 Kbytes ROM/EPROM, 32 Kbytes ROM/EPROM in MC68HC11KA2

• PROG Mode Allows Use of Standard EPROM Programmer (27256 Footprint)

• Non-multiplexed Address and Data Buses

• Enhanced 16-Bit Timer with Four-Stage Programmable Prescaler

   — Three Input Capture (IC) Channels

   — Four Output Compare (OC) Channels

   — One Additional Channel, Selectable as Fourth IC or Fifth OC

• 8-Bit Pulse Accumulator

• Four 8-Bit or Two 16-Bit Pulse-Width Modulation (PWM) Timer Channels

• Real-Time Interrupt Circuit

• Computer Operating Properly (COP) Watchdog

• Enhanced Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)

• Enhanced Synchronous Serial Peripheral Interface (SPI)

• Eight-Channel 8-Bit Analog-to-Digital (A/D) Converter (Four Channels on 64-Pin Version)

• Seven Bidirectional Input/Output (I/O) Ports (43 Pins)

• One Fixed Input-Only Port (8 Pins, 4 Pins on 64-Pin Version)

• Available in 68-Pin Plastic Leaded Chip Carrier (Custom ROM/OTPROM), 68-Pin Windowed Ce-

ramic Leaded Chip Carrier (EPROM), or 64-Pin Quad Flat Pack (Custom ROM/OTPROM)




Similar Part No. - M68HC11KA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11K MOTOROLA-M68HC11K Datasheet
420Kb / 80P
8-Bit Microcontroller
logo
Freescale Semiconductor...
M68HC11K FREESCALE-M68HC11K Datasheet
3Mb / 290P
HCMOS Microcontroller Unit
M68HC11K FREESCALE-M68HC11K Datasheet
2Mb / 290P
M68HC11K Family Technical Data
logo
NXP Semiconductors
M68HC11K NXP-M68HC11K Datasheet
909Kb / 80P
8-Bit Microcontroller
M68HC11K NXP-M68HC11K Datasheet
18Mb / 225P
M68HC11 Central Processing Unit (CPU)
More results


Similar Description - M68HC11KA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com