Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet (PDF) - Infineon Technologies AG

HS01G Datasheet PDF - Infineon Technologies AG
Part # HS01G
Download  HS01G Download
File Size   844.25 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Half-Bridge Resonant Controller

HS01G Datasheet (PDF)

Go To PDF Page Download Datasheet
HS01G Datasheet PDF - Infineon Technologies AG

Part # HS01G
Download  HS01G Click to download

File Size   844.25 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Half-Bridge Resonant Controller

HS01G Datasheet (HTML) - Infineon Technologies AG


HS01G Product details

Product Highlights
• Minimum number of external components
• High accuracy oscillator
• Two-level over current protection
• Over load/open loop protection
• Mains undervoltage protection with adjustable hysteresis
• Adjustable blanking time for over load protection and restart

Features
• DSO8 package
• Maximum 600kHz switching frequency
• Adjustable minimum switching frequency with high
   accuracy
• 50% duty cycle
• Mains input under votlage protection with adjustable
   hysteresis
• Two levels of overcurrent protection: frequency shift
   and latch off
• Open-loop/over load protection with extended
   blanking time
• Built-in digital and nonlinear softstart
• Adjustable restart time during fault protection period

Applications
• LCD/PDP TV
• AC-DC adapter
• Audio SMPS




Similar Part No. - HS01G

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HS012Q HUIXIN-HS012Q Datasheet
1Mb / 5P
1.25A Sensitive SCR
HS01E80Q HUIXIN-HS01E80Q Datasheet
1Mb / 5P
HS01E80Q 1A TRIAC
HS01S80U HUIXIN-HS01S80U Datasheet
462Kb / 4P
HS01S80U 1A TRIAC
HS01T80Q HUIXIN-HS01T80Q Datasheet
1Mb / 5P
HS01T80Q 1A TRIAC Rev
More results


Similar Description - HS01G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G-1 INFINEON-ICE1HS01G-1 Datasheet
1Mb / 19P
Half-Bridge Resonant Controller
Version 2.0, 04 July 2011
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
NCL30051 ONSEMI-NCL30051_17 Datasheet
140Kb / 16P
PFC and Half-Bridge Resonant Combo Controller
January, 2017 ??Rev. 1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com