Electronic Components Datasheet Search
  English  ▼

X  

MAX11628EEE Datasheet (PDF) - Maxim Integrated Products

MAX11628EEE Datasheet PDF - Maxim Integrated Products
Part # MAX11628EEE
Download  MAX11628EEE Download
File Size   1280.65 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 300ksps ADCs with FIFO and Internal Reference

MAX11628EEE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11628EEE Datasheet PDF - Maxim Integrated Products

Part # MAX11628EEE
Download  MAX11628EEE Click to download

File Size   1280.65 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 300ksps ADCs with FIFO and Internal Reference

MAX11628EEE Datasheet (HTML) - Maxim Integrated Products


MAX11628EEE Product details

General Description
The MAX11626–MAX11629/MAX11632/MAX11633 are serial 12-bit analog-to-digital converters (ADCs) with an internal reference. These devices feature on-chip FIFO, scan mode, internal clock mode, internal averaging, and AutoShutdown™. The maximum sampling rate is 300ksps using an external clock. The MAX11632/MAX11633 have 16 input channels; the MAX11628/MAX11629 have 8 input channels; and the MAX11626/MAX11627 have 4 input channels. These six devices operate from either a +3V supply or a +5V supply, and contain a 10MHz SPI™-/QSPI™-/MICROWIRE™-compatible serial port.

Features
♦ Analog Multiplexer with Track/Hold
    16 Channels (MAX11632/MAX11633)
    8 Channels (MAX11628/MAX11629)
    4 Channels (MAX11626/MAX11627)
♦ Single Supply
    2.7V to 3.6V (MAX11627/MAX11629/MAX11633)
    4.75V to 5.25V (MAX11626/MAX11628/MAX11632)
♦ Internal Reference
    2.5V (MAX11627/MAX11629/MAX11633)
    4.096V (MAX11626/MAX11628/MAX11632)
♦ External Reference: 1V to VDD
♦ 16-Entry First-In/First-Out (FIFO)
♦ Scan Mode, Internal Averaging, and Internal Clock
♦ Accuracy: ±1 LSB INL, ±1 LSB DNL, No Missing
    Codes Over Temperature
♦ 10MHz 3-Wire SPI-/QSPI-/MICROWIRE-Compatible
    Interface
♦ Small Packages
    16-Pin QSOP (MAX11626–MAX11629)
    24-Pin QSOP (MAX11632/MAX11633)

Applications
    System Supervision
    Data-Acquisition Systems
    Industrial Control Systems
    Patient Monitoring
    Data Logging
    Instrumentation




Similar Part No. - MAX11628EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11628EEE MAXIM-MAX11628EEE Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11628EEE MAXIM-MAX11628EEE Datasheet
401Kb / 22P
ADCs with FIFO and Internal Reference
Rev 5; 9/14
MAX11628EEE+ MAXIM-MAX11628EEE+ Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
More results


Similar Description - MAX11628EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com