Electronic Components Datasheet Search
  English  ▼

X  

MIC3809 Datasheet (PDF) - MIC GROUP RECTIFIERS

MIC3809 Datasheet PDF - MIC GROUP RECTIFIERS
Part # MIC3809
Download  MIC3809 Download
File Size   150.65 Kbytes
Page   11 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description Push-Pull PWM Controller

MIC3809 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3809 Datasheet PDF - MIC GROUP RECTIFIERS

Part # MIC3809
Download  MIC3809 Click to download

File Size   150.65 Kbytes
Page   11 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description Push-Pull PWM Controller

MIC3809 Datasheet (HTML) - MIC GROUP RECTIFIERS


MIC3809 Product details

General Description

The MIC3808 and MIC3809 are a family of complementary output push-pull PWM control ICs that feature high speed and low power consumption. The MIC3808/9 are ideal for telecom level (36V to 75V) isolated step down dc/dc conversion applications where high output current, small size, and high efficiency are required.

The dual-ended push-pull architecture of the MIC3808/9 allows more efficient utilization of the transformer than single ended topologies, allowing smaller size dc/dc solutions. Additionally, the out-of-phase push-pull topology allows a higher effective duty cycle, reducing input and output ripple as well as stress on the external components. The dead-time between the two outputs is adjustable between 60ns to 200ns, limiting the duty cycle of each output stage to less than 50%.



Features

• Dual output drive stages in push-pull configuration

• Leading edge current-sense blanking

• 130µA typical start-up current

• 1mA typical run current

• Operation to 1MHz

• Internal soft start

• On-chip error amplifier with 4MHz gain bandwidth product

• On-chip VDD clamping

• Output drive stages capable of 500mA peak source current, 1A peak sink current



Applications

• High efficiency “brick” power supply modules

• Half bridge converters

• Full bridge converters

• Push-pull converters

• Voltage-fed push-pull converters

• Telecom equipment and power supplies

• Networking power supplies

• Industrial power supplies

• 42V automotive power supplies

• Base stations




Similar Part No. - MIC3809

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3809 MICREL-MIC3809 Datasheet
145Kb / 11P
Push-Pull PWM Controller
More results


Similar Description - MIC3809

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
Flexible Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
Flexible Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
Flexible Push-Pull PWM Controller
logo
Texas Instruments
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
Push-Pull PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com