Electronic Components Datasheet Search
  English  ▼

X  

VS-709 Datasheet (PDF) - Vectron International, Inc

VS-709 Datasheet PDF - Vectron International, Inc
Part # VS-709
Download  VS-709 Download
File Size   719.49 Kbytes
Page   9 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Dual Frequency VCSO

VS-709 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-709 Datasheet PDF - Vectron International, Inc

Part # VS-709
Download  VS-709 Click to download

File Size   719.49 Kbytes
Page   9 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Dual Frequency VCSO

VS-709 Datasheet (HTML) - Vectron International, Inc


VS-709 Product details

Description
The VS-709 is a Voltage Controlled SAW Oscillator that operates at the fundamental frequency from one of the two internal SAW filters. The SAW filters are high-Q Quartz devices that enable the circuit to achieve low phase jitter performance over a wide operating temperature range. A divider circuit is deployed for output frequencies less than 600 MHz. The selectable dual oscillator is housed in a hermetically sealed leadless surface mount package and offered on tape and reel. It has a tri-state Frequency Select function that provides one of three conditions: Frequency 1, Output Disable, or Frequency 2.

Features
• Industry Standard Package, 5.0 x 7.0 x 1.8 mm
• 5th Generation ASIC Technology for Ultra Low Jitter
   120 fs-rms (fN = 622.08 MHz, 12 kHz to 20 MHz)
   105 fs-rms (fN = 622.08 MHz, 50 kHz to 80 MHz)
• Output Frequencies from 150 MHz to 1000 MHz
• Spurious Suppression, 90 dBc Typical
• 2.5V or 3.3V Supply Voltage
• LVPECL or LVDS Output Configurations
• Tri-State Frequency Select (F1, OD, F2)
• Compliant to EC RoHS6 Directive




Similar Part No. - VS-709

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
Dual Frequency VCSO
More results


Similar Description - VS-709

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
DUAL FREQUENCY VCSO
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
Dual Frequency VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
Dual Frequency VCSO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com