Electronic Components Datasheet Search
  English  ▼

X  

ATP112 Datasheet (PDF) - Sanyo Semicon Device

ATP112 Datasheet PDF - Sanyo Semicon Device
Part # ATP112
Download  ATP112 Download
File Size   350.8 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description P-Channel Silicon MOSFET General-Purpose Switching Device Applications

ATP112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATP112 Datasheet PDF - Sanyo Semicon Device

Part # ATP112
Download  ATP112 Click to download

File Size   350.8 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description P-Channel Silicon MOSFET General-Purpose Switching Device Applications

ATP112 Datasheet (HTML) - Sanyo Semicon Device


ATP112 Product details

General-Purpose Switching Device Applications

Features
• ON-resistance RDS(on)1=33mΩ(typ.)
• 4V drive
• Protection diode in
• Input Capacitance Ciss=1450pF(typ.)
• Halogen free compliance




Similar Part No. - ATP112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ATP112 ONSEMI-ATP112 Datasheet
375Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP112-TL-H SANYO-ATP112-TL-H Datasheet
481Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP112-TL-H ONSEMI-ATP112-TL-H Datasheet
375Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP112 SANYO-ATP112_12 Datasheet
481Kb / 7P
General-Purpose Switching Device Applications
More results


Similar Description - ATP112

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6331 SANYO-MCH6331 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6337 SANYO-MCH6337 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com