Electronic Components Datasheet Search
  English  ▼

X  

LC66562B Datasheet (PDF) - Sanyo Semicon Device

LC66562B Datasheet PDF - Sanyo Semicon Device
Part # LC66562B
Download  LC66562B Download
File Size   205.09 Kbytes
Page   28 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM

LC66562B Datasheet (PDF)

Go To PDF Page Download Datasheet
LC66562B Datasheet PDF - Sanyo Semicon Device

Part # LC66562B
Download  LC66562B Click to download

File Size   205.09 Kbytes
Page   28 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM

LC66562B Datasheet (HTML) - Sanyo Semicon Device


LC66562B Product details

Overview
The LC66P5316 is an on-chip OTP PROM version of the LC6653XX Series CMOS 4-bit single-chip microcontrollers. The LC66P5316 is appropriate for program development and product evaluation since it provides identical functionality and pin compatibility with the LC665316A.

Features and Functions
• On-chip OTP ROM capacity of 16 kilobytes, and an on-chip RAM capacity of 512 × 4 bits.
• Fully supports the LC66000 Series common instruction
   set (128 instructions).
• I/O ports: 42 pins
• A sub-oscillator circuit can be used (option)
   This circuit allows power dissipation to be reduced by
   operating at lower speeds.
• 8-bit serial interface: two circuits (can be connected in
   cascade to form a 16-bit interface)
• Instruction cycle time: 0.95 to 10 µs (at 4.0 to 5.5 V)
• Powerful timer functions and prescalers
   — Time limit timer, event counter, pulse width
      measurement, and square wave output using a 12-bit
      timer.
   — Time limit timer, event counter, PWM output, and
      square wave output using an 8-bit timer.
   — Time base function using a 12-bit prescaler
• Powerful interrupt system with 8 interrupt factors and 8
   interrupt vector locations.
   — External interrupts: 3 factors/3 vector locations
   — Internal interrupts: 5 factors/5 vector locations
• Flexible I/O functions
   16-value comparator inputs, 20-mA drive outputs,
   inverter circuits, pull-up and open-drain circuits
   selectable as options.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP48S, QIP48E (QFP48E)
• Evaluation LSIs: LC66599 (evaluation chip) +
   EVA800/850-TB662YXX2




Similar Part No. - LC66562B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66562B SANYO-LC66562B Datasheet
104Kb / 13P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66562B SANYO-LC66562B Datasheet
158Kb / 25P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66562B SANYO-LC66562B Datasheet
151Kb / 17P
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66562B SANYO-LC66562B Datasheet
617Kb / 24P
4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
LC66562B SANYO-LC66562B Datasheet
140Kb / 21P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
More results


Similar Description - LC66562B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
8-Bit Single Chip Microcontroller with One-Time PROM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com