Electronic Components Datasheet Search
  English  ▼

X  

MIC2097 Datasheet (PDF) - Micrel Semiconductor

MIC2097 Datasheet PDF - Micrel Semiconductor
Part # MIC2097
Download  MIC2097 Download
File Size   1205.93 Kbytes
Page   25 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current-Limiting Power Distribution Switches

MIC2097 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2097 Datasheet PDF - Micrel Semiconductor

Part # MIC2097
Download  MIC2097 Click to download

File Size   1205.93 Kbytes
Page   25 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current-Limiting Power Distribution Switches

MIC2097 Datasheet (HTML) - Micrel Semiconductor


MIC2097 Product details

General Description
The MIC2095/97/98/99 family of switches are self contained, current-limiting, high-side power switches, ideal for power-control applications. These switches are useful for general purpose power distribution applications such as digital televisions (DTV), printers, set-top boxes (STB), PCs, PDAs, and other peripheral devices

Features
• MIC2095: 0.5A fixed current limit
• MIC2098: 0.9A fixed current limit
• MIC2097/99: Resistor programmable current limit – 0.1A to 1.1A
• MIC2097: Kickstart for high peak current loads
• Under voltage lock-out (UVLO)
• Soft start prevents large current inrush
• Automatic-on output after fault
• Thermal protection
• Enable active high or active low
• 170mΩ typical on-resistance @ 5V
• 2.5V – 5.5V operating range

Applications
• Digital televisions (DTV)
• Set top boxes
• PDAs
• Printers
• USB / IEEE 1394 power distribution
• Desktop and laptop PCs
• Game consoles
• USB keyboard
• Docking stations




Similar Part No. - MIC2097

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2097-1YMT MICREL-MIC2097-1YMT Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
MIC2097-2YMT MICREL-MIC2097-2YMT Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
More results


Similar Description - MIC2097

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com