Electronic Components Datasheet Search
  English  ▼

X  

ZTL431AH6TA Datasheet (PDF) - Diodes Incorporated

ZTL431AH6TA Datasheet PDF - Diodes Incorporated
Part # ZTL431AH6TA
Download  ZTL431AH6TA Download
File Size   170.46 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR

ZTL431AH6TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTL431AH6TA Datasheet PDF - Diodes Incorporated

Part # ZTL431AH6TA
Download  ZTL431AH6TA Click to download

File Size   170.46 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR

ZTL431AH6TA Datasheet (HTML) - Diodes Incorporated


ZTL431AH6TA Product details

Description
The ZTL431 and ZTL432 are three terminal adjustable shunt regulators offering excellent temperature stability and output current handling capability up to 100mA. The output voltage may be set to any chosen voltage between 2.5 and 20 volts by selection of two external divider resistors.
The devices can be used as a replacement for zener diodes in many applications requiring an improvement in zener performance.
The ZTL432 has the same electrical specifications as the ZTL431 but has a different pin out in SOT23 (F-suffix) and SOT23F (FF-suffix).
Both variants are available in 2 grades with initial tolerances of 1% and 0.5% for the A and B grades respectively.
These are functionally equivalent to the TL431/ TL432 except for maximum operation voltage, and have an ambient temperature range of -40 to 125°C as standard.

Features
• Temperature range ................ -40 to 125°C
• Reference voltage tolerance at 25°C
   o 0.5%.......................................B grade
   o 1% .........................................A grade
• 0.2Ω typical output impedance
• Sink current capability…….. 1mA to 100mA
• Adjustable output voltage……VREF to 20V

Applications
• Opto-coupler linearization
• Linear regulators
• Improved zener
• Variable reference




Similar Part No. - ZTL431AH6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL431AH6TA ZETEX-ZTL431AH6TA Datasheet
422Kb / 12P
Cost effective adjustable precision shunt regulator
ZTL431AH6TA ZETEX-ZTL431AH6TA Datasheet
433Kb / 12P
Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431AH6TA DIODES-ZTL431AH6TA Datasheet
445Kb / 12P
COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 18
More results


Similar Description - ZTL431AH6TA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
1.24V Cost effective shunt regulator
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
Cost effective adjustable precision shunt regulator
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
1.24V Cost effective shunt regulator
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
1.24V Cost effective shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
1.24V COST EFFECTIVE SHUNT REGULATOR
Rev 4
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
1.24V Cost effective shunt regulator
APRIL 2008
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 18
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com