Electronic Components Datasheet Search
  English  ▼

X  

2N6299 Datasheet (PDF) - Seme LAB

2N6299 Datasheet PDF - Seme LAB
Part # 2N6299
Download  2N6299 Download
File Size   15.18 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description Bipolar PNP Device in a Hermetically sealed TO66

2N6299 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6299 Datasheet PDF - Seme LAB

Part # 2N6299
Download  2N6299 Click to download

File Size   15.18 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description Bipolar PNP Device in a Hermetically sealed TO66

2N6299 Datasheet (HTML) - Seme LAB


2N6299 Product details

Bipolar PNP Device in a Hermetically sealed TO66 Metal Package.

Bipolar PNP Device.
    VCEO = 80V
    IC = 8A




Similar Part No. - 2N6299

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6299 MOSPEC-2N6299 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
logo
Boca Semiconductor Corp...
2N6299 BOCA-2N6299 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6299 MICROSEMI-2N6299 Datasheet
65Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6299 CENTRAL-2N6299 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N6299 SAVANTIC-2N6299 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N6299

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3740 SEME-LAB-2N3740 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N3740R SEME-LAB-2N3740R Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N5344 SEME-LAB-2N5344 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N5609 SEME-LAB-2N5609 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N5611A SEME-LAB-2N5611A Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N5954 SEME-LAB-2N5954 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N5956 SEME-LAB-2N5956 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N6049E SEME-LAB-2N6049E Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N6297 SEME-LAB-2N6297 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
2N6312 SEME-LAB-2N6312 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com