Electronic Components Datasheet Search
  English  ▼

X  

1N4477US Datasheet (PDF) - Sensitron

1N4477US Datasheet PDF - Sensitron
Part # 1N4477US
Download  1N4477US Download
File Size   74.05 Kbytes
Page   2 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Zener 1.5W DIODE

1N4477US Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4477US Datasheet PDF - Sensitron

Part # 1N4477US
Download  1N4477US Click to download

File Size   74.05 Kbytes
Page   2 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Zener 1.5W DIODE

1N4477US Datasheet (HTML) - Sensitron


1N4477US Product details

Zener 1.5W DIODE

• Ultra-low reverse leakage current
• Zener voltage available from 9.1V to 160V
• Sharp Zener knee
• Metallurgically bonded
• Hermetic, non-cavity glass package
• Lead finish SN63




Similar Part No. - 1N4477US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4477US MICROSEMI-1N4477US Datasheet
64Kb / 2P
1.5 WATT GLASS ZENER DIODES
logo
Semtech Corporation
1N4477US SEMTECH-1N4477US Datasheet
72Kb / 3P
Surface Mount(US) 1.5 WATT Voltage Regulators
More results


Similar Description - 1N4477US

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
1.5W SILICON ZENER DIODE
logo
Sensitron
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
Zener 1.5W DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
1.5W Zener Diodes
logo
Sensitron
1N4106-1 SENSITRON-1N4106-1 Datasheet
84Kb / 3P
Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
Zener 1.5W DIODE
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
Zener 1.5W DIODE
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
1.5W SILICON PLANAR ZENER DIODES
BZX1-5C3V3 JINGHENG-BZX1-5C3V3 Datasheet
51Kb / 2P
1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
1.5W SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com