Electronic Components Datasheet Search
  English  ▼

X  

LA4276 Datasheet (PDF) - Sanyo Semicon Device

LA4276 Datasheet PDF - Sanyo Semicon Device
Part # LA4276
Download  LA4276 Download
File Size   75.34 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3 W 2-Channel Power Amplifier

LA4276 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4276 Datasheet PDF - Sanyo Semicon Device

Part # LA4276
Download  LA4276 Click to download

File Size   75.34 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3 W 2-Channel Power Amplifier

LA4276 Datasheet (HTML) - Sanyo Semicon Device


LA4276 Product details

Overview
The LA4276 is a 3 W 2-channel power amplifier intended for televisions.
This IC has a series of pin compatible monaural and 2-channel power amplifiers, thus allows the end product to use a common circuit boad.

Features
• Television audio output.
• Pin compatible with the LA4266 (3 W)/LA4267 (5 W)/4268 (10 W) and the LA4277 (5 W × 2)/4278(10 W × 2).
• Package: SIP-10HD (2.54 mm pitch, straight pins).
• Thermal protection circuit and overvoltage protection circuit on chip.
• Output power: 3 W × 2(VCC = 16 V/RL = 8 Ω).




Similar Part No. - LA4276

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4270 SANYO-LA4270 Datasheet
324Kb / 10P
6W Dual-Channel AF Power Amp
LA4270 SANYO-LA4270 Datasheet
49Kb / 1P
2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
5 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
10 W 2-Channel Power Amplifier
More results


Similar Description - LA4276

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
2.3 W 2-Channel AF Power Amplifier
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
5 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
10 W 2-Channel Power Amplifier
logo
Texas Instruments
TPA0103PWPRG4 TI-TPA0103PWPRG4 Datasheet
1Mb / 4P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
3 W Power Amplifier
MAAP-010516 MA-COM-MAAP-010516_15 Datasheet
922Kb / 9P
3 W Power Amplifier
MAAP-011146-STD MA-COM-MAAP-011146-STD Datasheet
1Mb / 10P
Power Amplifier, 2 W
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
Power Amplifier, 2 W
logo
Texas Instruments
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com