Electronic Components Datasheet Search
  English  ▼

X  

1650485-1 Datasheet (PDF) - Tyco Electronics

1650485-1 Datasheet PDF - Tyco Electronics
Part # 1650485-1
Download  1650485-1 Download
File Size   71.45 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CONNECTOR, SOCKET PCB MOUNT 125A MIDDLE DRAWER

1650485-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1650485-1 Datasheet PDF - Tyco Electronics

Part # 1650485-1
Download  1650485-1 Click to download

File Size   71.45 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CONNECTOR, SOCKET PCB MOUNT 125A MIDDLE DRAWER

1650485-1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1650485-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16504-1 COOPER-16504-1 Datasheet
1Mb / 4P
Splicer blocks
16504-2 COOPER-16504-2 Datasheet
1Mb / 4P
Splicer blocks
16504-3 COOPER-16504-3 Datasheet
1Mb / 4P
Splicer blocks
logo
STEGO Elektrotechnik Gm...
16504.0-00 STEGO-16504.0-00 Datasheet
583Kb / 1P
ENCLOSURE HEATER
11.11.2022
logo
TE Connectivity Ltd
1650401-1 TEC-1650401-1 Datasheet
2Mb / 40P
AMP & ELCON Power Connector Layout Forms
Revised 10-07
More results


Similar Description - 1650485-1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZS3A-04-G2 YAMAICHI-ZS3A-04-G2 Datasheet
82Kb / 1P
180째 TH Socket for PCB Mount
ZS4A-06-G2 YAMAICHI-ZS4A-06-G2 Datasheet
57Kb / 1P
90째 TH Socket for PCB Mount
logo
Tyco Electronics
1648151-1 MACOM-1648151-1 Datasheet
319Kb / 3P
CONNECTOR, PIN HOUSING 2X4, 32X20, 6X12, FLOAT MOUNT 125A MIDDLE DRAWER
logo
ALPS ELECTRIC CO.,LTD.
SKSU ALPS-SKSU Datasheet
1Mb / 3P
Quiet Middle-stroke (Surface Mount Type)
logo
Bud Industries, Inc.
DD-2363 BUD-DD-2363 Datasheet
61Kb / 1P
DESKTOP DRAWER
logo
Tripp Lite. All Rights ...
SRDRAWER4U TRIPPLITE-SRDRAWER4U Datasheet
164Kb / 2P
SmartRack 4U Locking Rack-Mount Storage Drawer
SRDRAWER2U TRIPPLITE-SRDRAWER2U Datasheet
164Kb / 2P
SmartRack 2U Locking Rack-Mount Storage Drawer
logo
Schneider Electric
1006385B SCHNEIDER-1006385B Datasheet
124Kb / 2P
METER SOCKET 125A 1PH SOLID
URTRS101B SCHNEIDER-URTRS101B Datasheet
144Kb / 3P
METER SOCKET RING TYPE OH/UG 125A
Mar 26, 2020
logo
Kendall Howard
1922-3-100-03 KENDALLHOWARD-1922-3-100-03 Datasheet
58Kb / 1P
3U RACK MOUNTABLE DRAWER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com