| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PTFA092211EL
|
424Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27 |
|
PTFA080551E
|
233Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22 |
|
PTFA092201E
|
379Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20 |
|
PTF081301E
|
289Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 130 W, 869 - 960 MHz
Rev. 03, 2005-05-02 |
|
PTFA092213EL
|
671Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920-960 MHz
Rev. 04, 2010-11-04 |
|
PTVA123501EC
|
412Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26 |
|
PTFB182503EFL
|
694Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10 |
|
PTFA180701EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21 |
|
PTFA091201EF
|
8Mb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2 |
|
PTFA080551EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16 |