Electronic Components Datasheet Search
  English  ▼

X  

IFX20001 Datasheet (PDF) - Infineon Technologies AG

IFX20001 Datasheet PDF - Infineon Technologies AG
Part # IFX20001
Download  IFX20001 Download
File Size   1253.23 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Voltage Regulator

IFX20001 Datasheet (PDF)

Go To PDF Page Download Datasheet
IFX20001 Datasheet PDF - Infineon Technologies AG

Part # IFX20001
Download  IFX20001 Click to download

File Size   1253.23 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Voltage Regulator

IFX20001 Datasheet (HTML) - Infineon Technologies AG


IFX20001 Product details

Description
The IFX20001 is a monolithic integrated low drop voltage regulator in a very small SMD package PG-SCT595-5. It is designed to supply various loads (e.g. micro controllers, sensors, or as standby supply, etc) under severe conditions. Therefore the device is equipped with additional protection functions against overload, short circuit and reverse polarity. In case of an over temperature condition the regulator is automatically turned off by the integrated thermal protection circuit.

Features
• Two output voltage versions: 3.3 V, 5.0 V
• Low drop voltage ≤ 300 mV over the full temperature range
• Output current: 30 mA
• Inhibit function
• Low quiescent current
• Input voltage up to 45 V
• Wide temperature range: -40°C ≤ Tj ≤ 125°C
• Output protected against short circuit
• Over temperature protection
• Reverse polarity protection
• Very small and thermally enhanced package
• Green Product (RoHS compliant)

Applications
• Manufacturing Automation
• Appliances
• Network Routers




Similar Part No. - IFX20001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
IFX20001 INFINEON-IFX20001_13 Datasheet
1Mb / 12P
Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
More results


Similar Description - IFX20001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com