Electronic Components Datasheet Search
  English  ▼

X  

NI5114 Datasheet (PDF) - National Instruments Corporation

NI5114 Datasheet PDF - National Instruments Corporation
Part # NI5114
Download  NI5114 Download
File Size   508.08 Kbytes
Page   4 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 250 MS/s, 125 MHz, 8-Bit Digitizers

NI5114 Datasheet (PDF)

Go To PDF Page Download Datasheet
NI5114 Datasheet PDF - National Instruments Corporation

Part # NI5114
Download  NI5114 Click to download

File Size   508.08 Kbytes
Page   4 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 250 MS/s, 125 MHz, 8-Bit Digitizers

NI5114 Datasheet (HTML) - National Instruments Corporation




Similar Part No. - NI5114

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5105 NI-NI5105 Datasheet
302Kb / 4P
60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
NI5122 NI-NI5122 Datasheet
442Kb / 5P
100 MHz, 100 MS/s, 14-Bit Digitizer
NI5124 NI-NI5124 Datasheet
189Kb / 3P
150MHz,200MS/s,12-BitDigitizersa
NI5152 NI-NI5152 Datasheet
403Kb / 6P
High-Speed Digitizers-Optimized for Automated Test
NI5153 NI-NI5153 Datasheet
403Kb / 6P
High-Speed Digitizers-Optimized for Automated Test
More results


Similar Description - NI5114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
National Instruments Co...
NI4070 NI-NI4070 Datasheet
320Kb / 4P
61??-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
NI5105 NI-NI5105 Datasheet
302Kb / 4P
60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
National Instruments Co...
NIPXI-5142 NI-NIPXI-5142 Datasheet
383Kb / 17P
100 MS/s, 14-Bit Digitizers for Communications
NIPXIE-5122 NI-NIPXIE-5122 Datasheet
442Kb / 5P
100 MHz, 100 MS/s, 14-Bit Digitizer
logo
Advantech Co., Ltd.
PCIE-1840 ADVANTECH-PCIE-1840 Datasheet
356Kb / 1P
4-Ch, 16-Bit, 125 MS/s Digitizer
27-Jun-2018
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com