Electronic Components Datasheet Search
  English  ▼

X  

778339-01 Datasheet (PDF) - National Instruments Corporation

778339-01 Datasheet PDF - National Instruments Corporation
Part # 778339-01
Download  778339-01 Download
File Size   428.06 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 1.3 GHz and 4 GHz Multiplexers

778339-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
778339-01 Datasheet PDF - National Instruments Corporation

Part # 778339-01
Download  778339-01 Click to download

File Size   428.06 Kbytes
Page   3 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 1.3 GHz and 4 GHz Multiplexers

778339-01 Datasheet (HTML) - National Instruments Corporation




Similar Part No. - 778339-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
778336-01 NI-778336-01 Datasheet
475Kb / 3P
4-Channel Monochrome Image Acquisition
More results


Similar Description - 778339-01

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
1.3 GHz PLL for TV- and VCR- Tuner
logo
Tyco Electronics
MAAP-000076-PKG001 MACOM-MAAP-000076-PKG001 Datasheet
189Kb / 5P
Amplifier, Power, 16W 1.3-2.5 GHz
logo
TEMIC Semiconductors
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
logo
Zarlink Semiconductor I...
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
logo
Tyco Electronics
MAAP-000076-PED000 MACOM-MAAP-000076-PED000 Datasheet
415Kb / 8P
Amplifier, Power, 16W 1.3-2.5 GHz
MAAPGM0076-DIE MACOM-MAAPGM0076-DIE Datasheet
833Kb / 7P
Amplifier, Power, 16W 1.3-2.5 GHz
logo
TEMIC Semiconductors
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
1.3 GHz PLL for TV- and VCR- Tuner
logo
National Instruments Co...
PXI-2595 NI-PXI-2595 Datasheet
333Kb / 3P
5 GHz 4x1 and Quad 4x1 Multiplexers
PXI-2596 NI-PXI-2596 Datasheet
274Kb / 4P
26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com