Electronic Components Datasheet Search
  English  ▼

X  

BLF872 Datasheet (PDF) - NXP Semiconductors

BLF872 Datasheet PDF - NXP Semiconductors
Part # BLF872
Download  BLF872 Download
File Size   159.92 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF power LDMOS transistor

BLF872 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLF872 Datasheet PDF - NXP Semiconductors

Part # BLF872
Download  BLF872 Click to download

File Size   159.92 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UHF power LDMOS transistor

BLF872 Datasheet (HTML) - NXP Semiconductors


BLF872 Product details

General description
A 300 W LDMOS RF power transistor for broadcast transmitter applications and industrial applications. The transistor can deliver 250 W broadband over the full UHF band from 470 MHz to 860 MHz. The excellent ruggedness and broadband performance of this device makes it ideal for digital transmitter applications.

Features
■ Typical 2-tone performance at 860 MHz, a drain-source voltage VDS of 32 V and a quiescent drain current IDq = 2 × 0.9 A:
   ◆ Peak envelope power load power PL(PEP) = 300 W
   ◆ Gain Gp = 15 dB
   ◆ Drain efficiency ηD = 43 %
   ◆ Third order intermodulation distortion IMD3 = −28 dBc
■ Typical DVB performance at 858 MHz, a drain-source voltage VDS of 32 V and a quiescent drain current IDq = 2 × 0.9 A:
   ◆ Average output power PL(AV) = 70 W
   ◆ Gain Gp = 15 dB
   ◆ Drain efficiency ηD = 30 %
   ◆ Third order intermodulation distortion IMD3 = −28 dBc (4.3 MHz from center frequency)
■ Advanced flange material for optimum thermal behavior and reliability
■ Excellent ruggedness
■ High power gain
■ Designed for broadband operation (UHF band)
■ Excellent reliability
■ Internal input and output matching for high gain and optimum broadband operation
■ Source on underside eliminates DC isolators, reducing common-mode inductance
■ Easy power control

Applications
■ Communication transmitter applications in the UHF band
■ Industrial applications in the UHF band




Similar Part No. - BLF872

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results


Similar Description - BLF872

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com