Electronic Components Datasheet Search
  English  ▼

X  

DG411 Datasheet (PDF) - Intersil Corporation

DG411 Datasheet PDF - Intersil Corporation
Part # DG411
Download  DG411 Download
File Size   250.65 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic Quad SPST CMOS Analog Switches

DG411 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG411 Datasheet PDF - Intersil Corporation

Part # DG411
Download  DG411 Click to download

File Size   250.65 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic Quad SPST CMOS Analog Switches

DG411 Datasheet (HTML) - Intersil Corporation


DG411 Product details

The DG411 series monolithic CMOS analog switches are drop-in replacements for the popular DG211 and DG212 series devices. They include four independent single pole throw (SPST) analog switches, and TTL and CMOS compatible digital inputs.

These switches feature lower analog ON resistance (<35Ω) and faster switch time (tON<175ns) compared to the DG211 or DG212. Charge injection has been reduced, simplifying sample and hold applications.



Features

• ON Resistance (Max) . . . . . . . . . . . . . . . . . . . . . . . . . 35Ω

• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . <35mW

• Fast Switching Action

    -tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .  175ns

   -tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .  145ns

• Low Charge Injection

• Upgrade from DG211, DG212

• TTL, CMOS Compatible

• Single or Split Supply Operation

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Audio Switching

• Battery Operated Systems

• Data Acquisition

• Hi-Rel Systems

• Sample and Hold Circuits

• Communication Systems

• Automatic Test Equipment




Similar Part No. - DG411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG411 INTERSIL-DG411 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
More results


Similar Description - DG411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
Monolithic Quad SPST CMOS Analog Switches
June 1994
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
Quad Monolithic SPST CMOS Analog Switches
28-Feb-11
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
Monolithic Quad SPST CMOS Analog Switches
21-Feb-00
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com