Electronic Components Datasheet Search
  English  ▼

X  

2SJ419 Datasheet (PDF) - Sanyo Semicon Device

2SJ419 Datasheet PDF - Sanyo Semicon Device
Part # 2SJ419
Download  2SJ419 Download
File Size   89.45 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Ultrahigh-Speed Switching Applications

2SJ419 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ419 Datasheet PDF - Sanyo Semicon Device

Part # 2SJ419
Download  2SJ419 Click to download

File Size   89.45 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Ultrahigh-Speed Switching Applications

2SJ419 Datasheet (HTML) - Sanyo Semicon Device


2SJ419 Product details

Ultrahigh-Speed Switching Applications

Features
· Low ON-resistance.
· Ultrahigh-speed switching.
· 2.5V drive.

Drain-to-Source Voltage VDSS  -12V
Gate-to-Source Voltage VGSS ±10V
Drain Current (DC) ID -4A
Drain Current (Pulse) IDP -32A




Similar Part No. - 2SJ419

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ410 HITACHI-2SJ410 Datasheet
29Kb / 6P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ410 RENESAS-2SJ410 Datasheet
1Mb / 5P
Silicon P Channel MOS FET
logo
Inchange Semiconductor ...
2SJ410 ISC-2SJ410 Datasheet
296Kb / 2P
isc P-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SJ410-E RENESAS-2SJ410-E Datasheet
1Mb / 5P
Silicon P Channel MOS FET
logo
NEC
2SJ411 NEC-2SJ411 Datasheet
70Kb / 6P
P-CHANNEL SIGNAL MOS FET FOR SWITCHING
More results


Similar Description - 2SJ419

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
Ultrahigh-Speed Switching Applications
2SK2628LS SANYO-2SK2628LS Datasheet
28Kb / 4P
Ultrahigh-Speed Switching Applications
3LN01M SANYO-3LN01M Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
2SK3614 SANYO-2SK3614 Datasheet
59Kb / 4P
UltraHigh-Speed Switching Applications
2SK3486 SANYO-2SK3486 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com