Electronic Components Datasheet Search
  English  ▼

X  

HER205G Datasheet (PDF) - Sirectifier Global Corp.

HER205G Datasheet PDF - Sirectifier Global Corp.
Part # HER205G
Download  HER205G Download
File Size   121.84 Kbytes
Page   2 Pages
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.
Description 2A ULTRA FAST RECOVERY RECTIFIER

HER205G Datasheet (PDF)

Go To PDF Page Download Datasheet
HER205G Datasheet PDF - Sirectifier Global Corp.

Part # HER205G
Download  HER205G Click to download

File Size   121.84 Kbytes
Page   2 Pages
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.
Description 2A ULTRA FAST RECOVERY RECTIFIER

HER205G Datasheet (HTML) - Sirectifier Global Corp.


HER205G Product details

FEATURES
● PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
   FLAMMABILITY CLASSIFICATION 94V-0
● ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
● LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
● LOW LEAKAGE
● HIGH SURGE CAPABILITY
● HIGH TEMPERATURE SOLDERING GUARANTEED︰
   260℃ .375" (9.5mm)LEAD LENGTHS FOR 10 SECONDS AT
   5 LBS.(2.3KG)TENSION
● GLASS




Similar Part No. - HER205G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER205G JGD-HER205G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER205G GOOD-ARK-HER205G Datasheet
118Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
HER205G LRC-HER205G Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
logo
Micro Commercial Compon...
HER205G MCC-HER205G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
logo
Won-Top Electronics
HER205G WTE-HER205G Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results


Similar Description - HER205G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HER201 FRONTIER-HER201 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
HER201-LFR FRONTIER-HER201-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G-LFR FRONTIER-UF20-005G-LFR Datasheet
129Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005-LFR FRONTIER-UF20-005-LFR Datasheet
129Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com