Electronic Components Datasheet Search
  English  ▼

X  

STA221A Datasheet (PDF) - Sanken electric

STA221A Datasheet PDF - Sanken electric
Part # STA221A
Download  STA221A Download
File Size   32.77 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 1A 4 circuits Triac Array

STA221A Datasheet (PDF)

Go To PDF Page Download Datasheet
STA221A Datasheet PDF - Sanken electric

Part # STA221A
Download  STA221A Click to download

File Size   32.77 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 1A 4 circuits Triac Array

STA221A Datasheet (HTML) - Sanken electric




Similar Part No. - STA221A

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
STA22702W MSPI-STA22702W Datasheet
239Kb / 1P
Voltage Rating 12 to 24 Vdc
More results


Similar Description - STA221A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA203A SANKEN-STA203A Datasheet
55Kb / 2P
1.2A 3 circuits Triac Array
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
logo
Renesas Technology Corp
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
SemiHow Co.,Ltd.
HTT1A80AS SEMIHOW-HTT1A80AS Datasheet
242Kb / 4P
3 Quadrants 1A TRIAC
logo
Renesas Technology Corp
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
800V - 1A - Triac Low Power Use
logo
SemiHow Co.,Ltd.
HTB1A80AS SEMIHOW-HTB1A80AS Datasheet
305Kb / 5P
1A TRIAC
logo
Unisonic Technologies
UZ0103 UTC-UZ0103_15 Datasheet
156Kb / 4P
1A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT131 YFWDIODE-BT131 Datasheet
686Kb / 4P
1A four-quadrant triac
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
1A four-quadrant triac
logo
Renesas Technology Corp
AC01DGM RENESAS-AC01DGM Datasheet
1Mb / 8P
1A MOLD TRIAC
1988
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com