Electronic Components Datasheet Search
  English  ▼

X  

KSC1675 Datasheet (PDF) - Samsung semiconductor

KSC1675 Datasheet PDF - Samsung semiconductor
Part # KSC1675
Download  KSC1675 Download
File Size   78.68 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (FM/AM RF AMP, MIC, CONY,OSC,IF)

KSC1675 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC1675 Datasheet PDF - Samsung semiconductor

Part # KSC1675
Download  KSC1675 Click to download

File Size   78.68 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (FM/AM RF AMP, MIC, CONY,OSC,IF)

KSC1675 Datasheet (HTML) - Samsung semiconductor


KSC1675 Product details

FM/AM RF AMP, MIX, CONV,OSC,IF



• Collector-Base Voltage : VCEO=30V

• High Current Gain Bandwidth Product : fT=300MHz (TYP.)

• Low Collector Capacitance : COB=2.0pF (TYP.)




Similar Part No. - KSC1675

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC1675 FAIRCHILD-KSC1675 Datasheet
42Kb / 4P
FM/AM RF AMP, MIX, CONV,OSC,IF
KSC1675COBU FAIRCHILD-KSC1675COBU Datasheet
42Kb / 4P
FM/AM RF AMP, MIX, CONV,OSC,IF
KSC1675CRBU FAIRCHILD-KSC1675CRBU Datasheet
42Kb / 4P
FM/AM RF AMP, MIX, CONV,OSC,IF
KSC1675CYBU FAIRCHILD-KSC1675CYBU Datasheet
42Kb / 4P
FM/AM RF AMP, MIX, CONV,OSC,IF
KSC1675CYTA FAIRCHILD-KSC1675CYTA Datasheet
42Kb / 4P
FM/AM RF AMP, MIX, CONV,OSC,IF
More results


Similar Description - KSC1675

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1060 NTE-NTE1060 Datasheet
18Kb / 2P
Integrated Circuit AM-RF Amp, Mix/OSC, FM-AM IF Amp
logo
Samsung semiconductor
KSC2669 SAMSUNG-KSC2669 Datasheet
68Kb / 2P
NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC2787 SAMSUNG-KSC2787 Datasheet
75Kb / 2P
NPN (FM/AM RF AMP, MIX, CONV, OSC, IF)
KSC838 SAMSUNG-KSC838 Datasheet
71Kb / 2P
NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC839 SAMSUNG-KSC839 Datasheet
69Kb / 2P
NPN (FM/AM RADIO RF AMP, CONV, OSC, IF AMP)
logo
Fairchild Semiconductor
KSC1675 FAIRCHILD-KSC1675 Datasheet
42Kb / 4P
FM/AM RF AMP, MIX, CONV,OSC,IF
KSC839 FAIRCHILD-KSC839 Datasheet
38Kb / 4P
FM/AM RADIO RF AMP, CONV, OSC, IF AMP
logo
List of Unclassifed Man...
2SC839 ETC-2SC839 Datasheet
74Kb / 2P
FM/AM RADIO RF AMP,CONV,OSC,IF AMP
logo
Fairchild Semiconductor
KSC2787 FAIRCHILD-KSC2787 Datasheet
43Kb / 4P
FM/AM RF AMP, MIX, CONV, OSC, IF
logo
SEMTECH ELECTRONICS LTD...
2SC1675 SEMTECH_ELEC-2SC1675 Datasheet
478Kb / 3P
NPN Silicon Epitaxial Planar Transistor FM/AM RF AMP, MIX, CONV, OSC, IF
19/12/2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com