Electronic Components Datasheet Search
  English  ▼

X  

RS5RM Datasheet (PDF) - RICOH electronics devices division

RS5RM Datasheet PDF - RICOH electronics devices division
Part # RS5RM
Download  RS5RM Download
File Size   213.58 Kbytes
Page   30 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?

RS5RM Datasheet (PDF)

Go To PDF Page Download Datasheet
RS5RM Datasheet PDF - RICOH electronics devices division

Part # RS5RM
Download  RS5RM Click to download

File Size   213.58 Kbytes
Page   30 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?

RS5RM Datasheet (HTML) - RICOH electronics devices division


RS5RM Product details

OUTLINE
The RS5RM Series are step-up DC/DC converter ICs equipped with a voltage regulator (VR) and a voltage detector (VD) by CMOS process. Each of these step-up DC/DC converter ICs consists of a PWM DC/DC convert er, a linear regulator and a voltage detector.  These ICs are output-voltage-fixed type regulators which function as a linear regulator when input voltage is high, and as step-up DC/DC converter+linear regulator when input voltage is low, by using an inductor, a diode and a capacitor as external parts for the ICs.

FEATURES
• Low Supply Current ..........................................TYP. 55µA (RS5RM3624A : VIN=3.0V,at no load)
• Standby Mode.....................................................Istandby=MAX. 1.0µA (RS5RM××××A)
                                                                              Istandby=MAX. 10.0µA (RS5RM××××B)
• Low Voltage Operation Possible.......................Operating Voltage VIN=1.2V to 10V
• High Output Voltage Accuracy.........................Fixed Output Voltage Accuracy±2.5%
• High Voltage Detection Accuracy.....................±2.5%
• Output Voltage can be set at Users request (refer to Selection Guide).
• Voltage close to batterys voltage can be output because these ICs are of a step-up / step-down type 
   (Ex. a fixed voltage of 3V can be output by a 3V battery).
• Soft Start Function, built-in Protection Circuits for Lx Driver
• Phase Compensation Circuits built in
• Pin for External Driver is equipped, and a large current output can be obtained.
• Small Packages ..................................................8pin SOP

APPLICATIONS
• Power source for cameras, camcorders, and hand-held audio equipment.
• Power source for small OA apparatus such as note book personal computers,and word processors.
• Power source for hand-held communication appliances such as pagers,cordless telephones, and cellular phones.




Similar Part No. - RS5RM

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RJ RICOH-RS5RJ Datasheet
214Kb / 30P
VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A RICOH-RS5RJ3027A Datasheet
214Kb / 30P
VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A-T1 RICOH-RS5RJ3027A-T1 Datasheet
214Kb / 30P
VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A-T2 RICOH-RS5RJ3027A-T2 Datasheet
214Kb / 30P
VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027B RICOH-RS5RJ3027B Datasheet
214Kb / 30P
VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
More results


Similar Description - RS5RM

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RS5RJ RICOH-RS5RJ Datasheet
214Kb / 30P
VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
PFM Step-up DC/DC Converter & Voltage Detector
January 18, 2002
logo
Micon Design Technology...
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
Step-up DC/DC Converter with Voltage Detector
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
Step-up DC/DC Converter with Voltage Detector
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com