Electronic Components Datasheet Search
  English  ▼

X  

319214A Datasheet (PDF) - Molex Electronics Ltd.

319214A Datasheet PDF - Molex Electronics Ltd.
Part # 319214A
Download  319214A Download
File Size   377.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 14 Circuits, Tin (Sn) Plating

319214A Datasheet (PDF)

Go To PDF Page Download Datasheet
319214A Datasheet PDF - Molex Electronics Ltd.

Part # 319214A
Download  319214A Click to download

File Size   377.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 14 Circuits, Tin (Sn) Plating

319214A Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 319214A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
319214A MOLEX11-319214A Datasheet
71Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical Round Pin, 14 Circuits, Tin (Sn) Plating, with Mating Pin Length of 11.43mm (.450")
More results


Similar Description - 319214A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026202131 MOLEX3-0026202131 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 13 Circuits, Tin (Sn) Plating
0026202051 MOLEX3-0026202051 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 5 Circuits, Tin (Sn) Plating
0026202122 MOLEX3-0026202122 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 12 Circuits, Tin (Sn) Plating
0026202182 MOLEX3-0026202182 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 18 Circuits, Tin (Sn) Plating
0026202091 MOLEX3-0026202091 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 9 Circuits, Tin (Sn) Plating
0026202041 MOLEX3-0026202041 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 4 Circuits, Tin (Sn) Plating
0026202102 MOLEX3-0026202102 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 10 Circuits, Tin (Sn) Plating
0026202121 MOLEX3-0026202121 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 12 Circuits, Tin (Sn) Plating
0026202062 MOLEX3-0026202062 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 6 Circuits, Tin (Sn) Plating
0026202101 MOLEX3-0026202101 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 10 Circuits, Tin (Sn) Plating
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com