Electronic Components Datasheet Search
  English  ▼

X  

BU9480 Datasheet (PDF) - Rohm

BU9480 Datasheet PDF - Rohm
Part # BU9480
Download  BU9480 Download
File Size   56.56 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 16-bit stereo D / A converter for audio applications

BU9480 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU9480 Datasheet PDF - Rohm

Part # BU9480
Download  BU9480 Click to download

File Size   56.56 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 16-bit stereo D / A converter for audio applications

BU9480 Datasheet (HTML) - Rohm


BU9480 Product details

The BU9480F is a 16-bit stereo D / A converter designed for audio applications, and has an internal 2 × oversampling circuit.
   
Features
1) 3.0 to 5.5V operating voltage.
2) Low current consumption because of the CMOS
    process.
3) Resistor strings method used.
4) 2-channel common phase output.
5) Internal 2 × oversampling interpolator.
6) 8 - pin plastic package.
7) Supports 4fs. (200kHz operation)
   
Applications
    16-bit stereo D / A converter for audio applications
   




Similar Part No. - BU9480

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9406KS2 ROHM-BU9406KS2 Datasheet
886Kb / 38P
28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2 Datasheet
1Mb / 57P
32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2-E2 ROHM-BU9408KS2-E2 Datasheet
1Mb / 57P
32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9409FV ROHM-BU9409FV Datasheet
1Mb / 58P
32bit Audio DSP
More results


Similar Description - BU9480

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V737 HOLTEK-HT82V737 Datasheet
97Kb / 8P
16-Bit Stereo Audio D/A Converter with Earphone Driver
November 26, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
Unisonic Technologies
M1725 UTC-M1725 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Cirrus Logic
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com