Electronic Components Datasheet Search
  English  ▼

X  

BU8731 Datasheet (PDF) - Rohm

BU8731 Datasheet PDF - Rohm
Part # BU8731
Download  BU8731 Download
File Size   240.42 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PCM codec IC for digital cellular telephones

BU8731 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU8731 Datasheet PDF - Rohm

Part # BU8731
Download  BU8731 Click to download

File Size   240.42 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PCM codec IC for digital cellular telephones

BU8731 Datasheet (HTML) - Rohm


BU8731 Product details

The BU8731KV is a PCM codec IC developed for use with digital cellular telephones. It contains analog input / output features such as a 14-bit linear precision, µ / A-LAW codec, mic and speaker amplifiers, and switching transistor for the ringer drive. This all makes the BU8731KV perfect for PDC and CDMA-type cellular telephones.

Features
1) -3V single power supply (VDD = 2.7V to 3.3V).
2) Built-in 14-bit precision linear, µ / A-LAW codec.
3) Transmission filter for the codec unit conforms to ITU-T recommendations.
4) Built-in PLL circuit for system clock generation.
5) Clock frequency for PCM data transmission can be set anywhere between 64kHz (128kHz when linear) to 2048kHz.
6) Analog input / output functions:
    • Built-in mic amplifier.
    • Built-in receiver speaker amplifier (32Ω BTL type).
    • Built-in earphone speaker amplifier (32Ω single type).
    • Built-in drive amplifier for reception REXT (600Ω).
    • Built-in electronic volume control for gain adjustment (for reception, transmission, and tone).
    • Data signal I / O circuit allows for connection to external devices.
    • For the REXT output and earphone output, softmute function reduces pop noise when the power is turned on and off.
7) DTMF signal and scale tone signal generator functions are built into the tone signal generator block.
8) Internal switching transistor for ringer drive.
9) VQFP 48-pin package.

Applications
    Digital cellular telephones




Similar Part No. - BU8731

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
BU8731KV LSI-BU8731KV Datasheet
76Kb / 2P
PCM CODEC for Digital cellular phones
More results


Similar Description - BU8731

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Rohm
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
Linear codec IC for digital cellular telephones
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
PCM codec IC for digital cellular telephones
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
PCM CODEC for Digital cellular phones
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
Baseband Processor for Analog Cellular Telephones
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com