Electronic Components Datasheet Search
  English  ▼

X  

BU34675 Datasheet (PDF) - Rohm

BU34675 Datasheet PDF - Rohm
Part # BU34675
Download  BU34675 Download
File Size   148.9 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Single-chip 4-bit microcontroller for

BU34675 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU34675 Datasheet PDF - Rohm

Part # BU34675
Download  BU34675 Click to download

File Size   148.9 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Single-chip 4-bit microcontroller for

BU34675 Datasheet (HTML) - Rohm


BU34675 Product details

The BU34675 is a compact 4-bit, single-chip microcontroller that includes all the I / O required for CD system control. Circuits on the chip include a pulse width measurement counter (PWC), SIO, and an LCD controller / driver for a 28-segment display. The LCD segments can all be switched in software to CMOS output, and the extensive I / O allows many functions with a low pin count.

Features
1) Low-voltage, high-speed operation (VDD = 2.3 to 5.5V at 4.4MHz).
2) Pulse width measurement counter on chip (for remote control reception).
3) SIO provided for communication with the DSP.
4) Seven-segment, four-common LCD controller / driver on chip.
5) All segments of the LCD controller / driver output can be switched to CMOS output using software.

Applications
    Portable CD-DA, CD / radio / cassette players




Similar Part No. - BU34675

ManufacturerPart #DatasheetDescription
logo
Rohm
BU34381 ROHM-BU34381 Datasheet
211Kb / 10P
Single-chip 4-bit microcontroller for
BU34440 ROHM-BU34440 Datasheet
148Kb / 7P
Single-chip 4-bit microcontroller for
BU34DV7NUX ROHM-BU34DV7NUX Datasheet
990Kb / 27P
1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
BU34DV7NUX-E2 ROHM-BU34DV7NUX-E2 Datasheet
990Kb / 27P
1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
BU34TA2WHFV ROHM-BU34TA2WHFV Datasheet
1Mb / 30P
1ch 200mA CMOS LDO Regulators
More results


Similar Description - BU34675

ManufacturerPart #DatasheetDescription
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Rohm
BU34381 ROHM-BU34381 Datasheet
211Kb / 10P
Single-chip 4-bit microcontroller for
BU34440 ROHM-BU34440 Datasheet
148Kb / 7P
Single-chip 4-bit microcontroller for
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
4-bit Single Chip Microcontroller
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com