Electronic Components Datasheet Search
  English  ▼

X  

2SB1316 Datasheet (PDF) - Rohm

2SB1316 Datasheet PDF - Rohm
Part # 2SB1316
Download  2SB1316 Download
File Size   78.28 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (−100V , −2A)

2SB1316 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1316 Datasheet PDF - Rohm

Part # 2SB1316
Download  2SB1316 Click to download

File Size   78.28 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (−100V , −2A)

2SB1316 Datasheet (HTML) - Rohm


2SB1316 Product details

Features
1) Darlington connection for high DC current gain.
2) Built-in resistor between base and emitter.
3) Built-in damper diode.
4) Complements the 2SD2195 / 2SD1980.




Similar Part No. - 2SB1316

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1316 ROHM-2SB1316 Datasheet
130Kb / 3P
Power Transistor (??00V,??A)
logo
Inchange Semiconductor ...
2SB1316 ISC-2SB1316 Datasheet
271Kb / 2P
isc Silicon PNP Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
More results


Similar Description - 2SB1316

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Rohm
2SA1862 ROHM-2SA1862_1 Datasheet
97Kb / 3P
High-voltage Switching Transistor (−400V, −2A)
2SB1427 ROHM-2SB1427_1 Datasheet
69Kb / 3P
Power transistor (−20V, −2A)
2SB1690 ROHM-2SB1690_1 Datasheet
75Kb / 3P
General purpose amplification(−12V, −2A)
2SAR512P ROHM-2SAR512P_09 Datasheet
226Kb / 5P
Medium Power Transistors (−30V / −2A)
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
Medium Power Transistor (−60V, −2A)
2SB1730 ROHM-2SB1730_1 Datasheet
76Kb / 3P
General purpose amplification(−12V, −2A)
MP6T2 ROHM-MP6T2 Datasheet
112Kb / 4P
Medium Power Transistor (−32V, −2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com