Electronic Components Datasheet Search
  English  ▼

X  

0921 Datasheet (PDF) - Schurter Inc.

0921 Datasheet PDF - Schurter Inc.
Part # 0921
Download  0921 Download
File Size   203.78 Kbytes
Page   1 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description IEC cord connector C19, rewirable, straight

0921 Datasheet (PDF)

Go To PDF Page Download Datasheet
0921 Datasheet PDF - Schurter Inc.

Part # 0921
Download  0921 Click to download

File Size   203.78 Kbytes
Page   1 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description IEC cord connector C19, rewirable, straight

0921 Datasheet (HTML) - Schurter Inc.


0921 Product details

Description

- Panel Mount:

  Snap-in version, from front side

- Appliance Inlet, Pin temperature 70 °C, Protection class I

 



 




Similar Part No. - 0921

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0921 SCHURTER-0921 Datasheet
232Kb / 3P
IEC Connector C19, Rewireable, Straight
0921 SCHURTER-0921 Datasheet
231Kb / 3P
IEC Connector C19, Rewireable, Straight
0921 SCHURTER-0921 Datasheet
231Kb / 3P
IEC Connector C19, Rewireable, Straight
10.12.2021
logo
DESCO INDUSTRIES INC
09210 DESCO-09210 Datasheet
317Kb / 1P
JEWEL MAGSNAP® WHITE METAL ADJUSTABLE WRIST STRAPS
September 2014
logo
HARTING Technology Grou...
09210009906 HARTING-09210009906 Datasheet
445Kb / 1P
FPM Seal for Han 3A Insert
2021-10-01
More results


Similar Description - 0921

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1652 SCHURTER-1652 Datasheet
417Kb / 3P
IEC Connector C19, Rewireable, Straight
1654 SCHURTER-1654 Datasheet
359Kb / 3P
Power Cord with IEC Connector C19, Straight
0922 SCHURTER-0922 Datasheet
287Kb / 2P
IEC plug connector I, rewirable, straight
2047 SCHURTER-2047 Datasheet
364Kb / 2P
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
0104U SCHURTER-0104U Datasheet
333Kb / 4P
IEC Connector C19, Rewireable, Straight
6009.5195 SCHURTER-6009.5195 Datasheet
287Kb / 3P
US Power Supply Cord with IEC Connector C19, straight
6051.2047 SCHURTER-6051.2047 Datasheet
287Kb / 3P
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
6004.0395 SCHURTER-6004.0395 Datasheet
290Kb / 3P
EU Power Supply Cord with IEC Connector C19, straight/ angled
0921 SCHURTER-0921_21 Datasheet
231Kb / 3P
IEC Connector C19, Rewireable, Straight
0921 SCHURTER-0921_V01 Datasheet
231Kb / 3P
IEC Connector C19, Rewireable, Straight
10.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com