Electronic Components Datasheet Search
  English  ▼

X  

RGP30K Datasheet (PDF) - Gulf Semiconductor

RGP30K Datasheet PDF - Gulf Semiconductor
Part # RGP30K
Download  RGP30K Download
File Size   134.56 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A

RGP30K Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP30K Datasheet PDF - Gulf Semiconductor

Part # RGP30K
Download  RGP30K Click to download

File Size   134.56 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A

RGP30K Datasheet (HTML) - Gulf Semiconductor


RGP30K Product details

VOLTAGE:50 TO 1000V CURRENT: 3.0A



FEATURE

• High temperature metallurgically bonded construction

• Sintered glass cavity free junction

• Capability of meeting environmental standard of

• MIL-S-19500

• High temperature soldering guaranteed

• 350°C /10sec/0.375”lead length at 5 lbs tension

• Operate at Ta =55°C with no thermal run away

• Typical Ir<0.1µA



 




Similar Part No. - RGP30K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30K ZOWIE-RGP30K Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGP30K GE-RGP30K Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
RGP30K MCC-RGP30K Datasheet
82Kb / 3P
3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Diotec Semiconductor
RGP30K DIOTEC-RGP30K Datasheet
199Kb / 2P
Fast Silicon Rectifiers
logo
Semikron International
RGP30K SEMIKRON-RGP30K Datasheet
154Kb / 2P
Fast silicon rectifier diodes
More results


Similar Description - RGP30K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYM36AGP GULFSEMI-BYM36AGP Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 3.0A
BYT56AGP GULFSEMI-BYT56AGP Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
BYW96D GULFSEMI-BYW96D Datasheet
120Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800 TO 1000V CURRENT: 3.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GUF15A GULFSEMI-GUF15A Datasheet
104Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GUF30A GULFSEMI-GUF30A Datasheet
126Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RU3JGF GULFSEMI-RU3JGF Datasheet
143Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com