Electronic Components Datasheet Search
  English  ▼

X  

MUR440 Datasheet (PDF) - Gulf Semiconductor

MUR440 Datasheet PDF - Gulf Semiconductor
Part # MUR440
Download  MUR440 Download
File Size   108.25 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers

MUR440 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR440 Datasheet PDF - Gulf Semiconductor

Part # MUR440
Download  MUR440 Click to download

File Size   108.25 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers

MUR440 Datasheet (HTML) - Gulf Semiconductor


MUR440 Product details

VOLTAGE:200 & 600V CURRENT:4.0A

FEATURE
• Plastic package has Underwriters Laboratories
   Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
   power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
• High temperature soldering guaranteed:
   250°C/10 seconds, 0.375" (9.5mm) lead length,
   5 lbs. (2.3kg) tension

MECHANICAL DATA
   Case: JEDEC DO-201AD molded plastic body over
              passivated chip
   Terminals: Plated axial leads, solderable per
                    MIL-STD-750, Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight: 0.045 oz., 1.2 g




Similar Part No. - MUR440

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR440 JGD-MUR440 Datasheet
143Kb / 2P
4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR440 MCC-MUR440 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
ON Semiconductor
MUR440 ONSEMI-MUR440 Datasheet
67Kb / 7P
SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
logo
Taiwan Semiconductor Co...
MUR440 TSC-MUR440 Datasheet
67Kb / 2P
4.0 AMPS. Ultrafast Glass Passivated Rectifiers
MUR440 TSC-MUR440 Datasheet
250Kb / 2P
4.0 AMPS. Ultrafast Glass Passivated Rectifiers
More results


Similar Description - MUR440

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR260 GULFSEMI-MUR260 Datasheet
78Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR460A GULFSEMI-MUR460A Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR480 GULFSEMI-MUR480 Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Leshan Radio Company
LUR160 LRC-LUR160_15 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers
LUR460 LRC-LUR460_15 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
LUR1100 LRC-LUR1100_15 Datasheet
358Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
UG2D LRC-UG2D_15 Datasheet
177Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR260 YFWDIODE-MUR260 Datasheet
288Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR260-DO-15 YFWDIODE-MUR260-DO-15 Datasheet
316Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com