Electronic Components Datasheet Search
  English  ▼

X  

NCP3125 Datasheet (PDF) - ON Semiconductor

NCP3125 Datasheet PDF - ON Semiconductor
Part # NCP3125
Download  NCP3125 Download
File Size   325.53 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 A Synchronous PWM Switching Converter

NCP3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP3125 Datasheet PDF - ON Semiconductor

Part # NCP3125
Download  NCP3125 Click to download

File Size   325.53 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 A Synchronous PWM Switching Converter

NCP3125 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NCP3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3120MNTXG ONSEMI-NCP3120MNTXG Datasheet
1Mb / 39P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121MNTXG ONSEMI-NCP3121MNTXG Datasheet
2Mb / 41P
Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
More results


Similar Description - NCP3125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
ON Semiconductor
NCP3126 ONSEMI-NCP3126 Datasheet
311Kb / 23P
3 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 1
NCP3127 ONSEMI-NCP3127 Datasheet
640Kb / 24P
2 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 0
NCP3170 ONSEMI-NCP3170 Datasheet
701Kb / 25P
Synchronous PWM Switching Converter
August, 2011 ??Rev. 1
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
4-A Synchronous Step-Down Converter
logo
ON Semiconductor
NCP3170 ONSEMI-NCP3170_14 Datasheet
684Kb / 26P
Synchronous PWM Switching Converter
September, 2014 ??Rev. 5
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com