Electronic Components Datasheet Search
  English  ▼

X  

CM1436-08DF Datasheet (PDF) - ON Semiconductor

CM1436-08DF Datasheet PDF - ON Semiconductor
Part # CM1436-08DF
Download  CM1436-08DF Download
File Size   768.63 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4- and 8-Channel EMI Filter Arrays with ESD Protection

CM1436-08DF Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1436-08DF Datasheet PDF - ON Semiconductor

Part # CM1436-08DF
Download  CM1436-08DF Click to download

File Size   768.63 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4- and 8-Channel EMI Filter Arrays with ESD Protection

CM1436-08DF Datasheet (HTML) - ON Semiconductor


CM1436-08DF Product details

Product Description

The CM1436 is an EMI filter array with ESD protection, which integrates either four, six or eight pi filters (C-R-C). Each CM1436 filter has component values of 15pF-200Ω-15pF. These parts include ESD protection diodes on every pin, providing a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The ESD diodes connected to the filter ports safely dissipate ESD strikes of ±15kV contact discharge, twice the specification requirement of the

IEC 61000-4-2, Level 4 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges at greater than ±30kV.



Features

• Four, six and eight channels of EMI filtering with ESD protection

• Greater than 30dB of attenuation from 800MHz to 3GHz

• ±15kV ESD protection (IEC 61000-4-2, contact discharge)

• ±30kV ESD protection (HBM)

• Fabricated with Centurion™ advanced low capacitance zener process technology

• Space saving, low-profile 8-, 12- and 16-lead 0.4mm pitch TDFN packages

• Lead-free version available



Applications

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• EMI filtering for LCD, camera and chip-to-chip data lines



 




Similar Part No. - CM1436-08DF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1436-08DF CALMIRCO-CM1436-08DF Datasheet
1Mb / 13P
4 and 8 Channel EMI Filter Arrays with ESD Protection
More results


Similar Description - CM1436-08DF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
4 and 8 Channel EMI Filter Arrays with ESD Protection
CM1436 CALMIRCO-CM1436 Datasheet
1Mb / 13P
4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1406 ONSEMI-CM1406 Datasheet
1Mb / 14P
4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
244Kb / 10P
4-Channel EMI Filter Arrays with ESD Protection
June 2010 Rev. 2
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
CM1692-08DE ONSEMI-CM1692-08DE Datasheet
14Kb / 1P
CM1692: Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
CM1692-04DE ONSEMI-CM1692-04DE Datasheet
14Kb / 1P
Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
logo
Vishay Siliconix
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
8-Channel EMI-Filter with ESD-Protection
09-Jan-2019
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
8-Channel EMI-Filter with ESD-Protection
09-Jan-2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com