Electronic Components Datasheet Search
  English  ▼

X  

1408-1A Datasheet (PDF) - Tyco Electronics

1408-1A Datasheet PDF - Tyco Electronics
Part # 1408-1A
Download  1408-1A Download
File Size   342.5 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 115 or 208Vac, 60 or 400 Hz., Relay Output

1408-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
1408-1A Datasheet PDF - Tyco Electronics

Part # 1408-1A
Download  1408-1A Click to download

File Size   342.5 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 115 or 208Vac, 60 or 400 Hz., Relay Output

1408-1A Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1408-1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1408-1 ETC2-1408-1 Datasheet
430Kb / 1P
MICRO PINS
logo
Linear Technology
1408-12 LINER-1408-12 Datasheet
275Kb / 20P
6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
More results


Similar Description - 1408-1A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-25BD MACOM-D-25BD Datasheet
76Kb / 1P
3PDT, 100 Amps, 115/200 VAC, 400 Hz
B-227 MACOM-B-227 Datasheet
80Kb / 1P
B-227 3PDT, Center Off, 60 Amps, 115/200 VAC, 400 Hz
BH-316A MACOM-BH-316A Datasheet
63Kb / 1P
BH-316A 3PST N.O., 50 Amps,28 VDC or 115 VAC, 400 Hz
C-8B MACOM-C-8B Datasheet
58Kb / 1P
C-8B 2PDT N.C., 15 Amps,28 VDC, 60 or 400 Hz
C-21Y MACOM-C-21Y Datasheet
48Kb / 1P
C-21Y SPST N.O., Double Break, 60 Amps,28 VDC or 115 VAC, 400 Hz
D-14D MACOM-D-14D Datasheet
52Kb / 1P
D-14D 2SPST 1 N.O. & 1 N.C., 50 Amps,28 VDC or 115 VAC, 400 Hz
DH-7BC MACOM-DH-7BC Datasheet
74Kb / 1P
DH-7BC 3PDT, 60 Amps,115/208 VAC, 400 Hz
DH-7PF MACOM-DH-7PF Datasheet
78Kb / 1P
DH-7PF 4PST 2 N.O. & 2 N.C., 50 Amps,28 VDC or 115 VAC, 400 Hz
logo
Powerbox
C4800 POWERBOX-C4800 Datasheet
219Kb / 3P
AC input 1 or 3-phase, 47 - 400 Hz
logo
TiMOTION Technology Co....
TIP5 TIMOTION-TIP5 Datasheet
344Kb / 4P
Input voltage 115 or 230V AC
20221027-B
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com