Electronic Components Datasheet Search
  English  ▼

X  

KU063N03Q Datasheet (PDF) - KEC(Korea Electronics)

KU063N03Q Datasheet PDF - KEC(Korea Electronics)
Part # KU063N03Q
Download  KU063N03Q Download
File Size   71.8 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N-Ch Trench MOSFET

KU063N03Q Datasheet (PDF)

Go To PDF Page Download Datasheet
KU063N03Q Datasheet PDF - KEC(Korea Electronics)

Part # KU063N03Q
Download  KU063N03Q Click to download

File Size   71.8 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N-Ch Trench MOSFET

KU063N03Q Datasheet (HTML) - KEC(Korea Electronics)


KU063N03Q Product details

GENERAL DESCRIPTION
This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristiscs. It is mainly suitable for DC/DC Converter and Battery pack..

FEATURES
• VDSS=30V, ID=16A.
• Drain to Source On Resistance.
    RDS(ON)=6.3mΩ (Max.) @ VGS=10V
    RDS(ON)=10.7mΩ (Max.) @ VGS=4.5V




Similar Part No. - KU063N03Q

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU068N03D KEC-KU068N03D Datasheet
75Kb / 4P
N-Ch Trench MOSFET
More results


Similar Description - KU063N03Q

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
N-Ch Trench MOSFET
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
N-Ch Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com