Electronic Components Datasheet Search
  English  ▼

X  

KTK921U Datasheet (PDF) - KEC(Korea Electronics)

KTK921U Datasheet PDF - KEC(Korea Electronics)
Part # KTK921U
Download  KTK921U Download
File Size   58.3 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KTK921U Datasheet (PDF)

Go To PDF Page Download Datasheet
KTK921U Datasheet PDF - KEC(Korea Electronics)

Part # KTK921U
Download  KTK921U Click to download

File Size   58.3 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KTK921U Datasheet (HTML) - KEC(Korea Electronics)


KTK921U Product details

RF Switching for VCR/DVD/Set Top Box Tuner

FEATURES
• Low loss at on state(Typ 1dB@1GHz)
• With built-in bias diode
• Gate 3.3V operating




Similar Part No. - KTK921U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTK920BT KEC-KTK920BT Datasheet
425Kb / 1P
TSQ PACKAGE
KTK920BU KEC-KTK920BU Datasheet
22Kb / 1P
USQ PACKAGE
KTK920T KEC-KTK920T Datasheet
425Kb / 1P
TSQ PACKAGE
KTK920U KEC-KTK920U Datasheet
22Kb / 1P
USQ PACKAGE
More results


Similar Description - KTK921U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50DR KEC-KF5N50DR Datasheet
69Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N50P KEC-KF10N50P Datasheet
80Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com