Electronic Components Datasheet Search
  English  ▼

X  

PMBTA44 Datasheet (PDF) - NXP Semiconductors

PMBTA44 Datasheet PDF - NXP Semiconductors
Part # PMBTA44
Download  PMBTA44 Download
File Size   103.58 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor

PMBTA44 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBTA44 Datasheet PDF - NXP Semiconductors

Part # PMBTA44
Download  PMBTA44 Click to download

File Size   103.58 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor

PMBTA44 Datasheet (HTML) - NXP Semiconductors


PMBTA44 Product details

General description
PN high-voltage low VCEsatBreakthrough In Small Signal (BISS) transistor in a OT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package.

Features
Low current (max. 300 mA)
High voltage (max. 400 V)
AEC-Q101 qualified

Applications
LED driver for LED chain module
LCD backlighting
High Intensity Discharge (HID) front lighting
Automotive motor management
Hook switch for wired telecom
Switch mode power supply




Similar Part No. - PMBTA44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTA44 PHILIPS-PMBTA44 Datasheet
103Kb / 12P
400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-22 February 2008
logo
Nexperia B.V. All right...
PMBTA44 NEXPERIA-PMBTA44 Datasheet
1Mb / 10P
400 V, 0.3 A NPN high-voltage low VCEsat transistor
1 January 2023
PMBTA44-Q NEXPERIA-PMBTA44-Q Datasheet
243Kb / 10P
400 V, 0.3 A NPN high-voltage low VCEsat transistor
26 April 2022
logo
NXP Semiconductors
PMBTA44 PHILIPS-PMBTA44_15 Datasheet
103Kb / 12P
400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-22 February 2008
More results


Similar Description - PMBTA44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV8540T NXP-PBHV8540T_09 Datasheet
115Kb / 12P
500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-14 January 2009
PBHV2160Z PHILIPS-PBHV2160Z_15 Datasheet
205Kb / 13P
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
24 June 2015
PMBTA44 PHILIPS-PMBTA44_15 Datasheet
103Kb / 12P
400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-22 February 2008
logo
Nexperia B.V. All right...
PBHV8215Z NEXPERIA-PBHV8215Z Datasheet
277Kb / 13P
150 V, 2 A NPN high-voltage low VCEsat (BISS) transistor
PBHV9540X NEXPERIA-PBHV9540X Datasheet
234Kb / 13P
400 V, 0.5 A PNP high-voltage low VCEsat (BISS) transistor
PBHV2160Z NEXPERIA-PBHV2160Z Datasheet
694Kb / 13P
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
PBHV8115Z NEXPERIA-PBHV8115Z Datasheet
248Kb / 13P
150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02 - 9 December 2008
PBHV8118T NEXPERIA-PBHV8118T Datasheet
286Kb / 14P
180 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01 - 7 May 2010
PMBTA44-Q NEXPERIA-PMBTA44-Q Datasheet
243Kb / 10P
400 V, 0.3 A NPN high-voltage low VCEsat transistor
26 April 2022
PMBTA44 NEXPERIA-PMBTA44 Datasheet
1Mb / 10P
400 V, 0.3 A NPN high-voltage low VCEsat transistor
1 January 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com