Electronic Components Datasheet Search
  English  ▼

X  

PCA9517D Datasheet (PDF) - NXP Semiconductors

PCA9517D Datasheet PDF - NXP Semiconductors
Part # PCA9517D
Download  PCA9517D Download
File Size   127.66 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Level translating I2C-bus repeater

PCA9517D Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9517D Datasheet PDF - NXP Semiconductors

Part # PCA9517D
Download  PCA9517D Click to download

File Size   127.66 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Level translating I2C-bus repeater

PCA9517D Datasheet (HTML) - NXP Semiconductors


PCA9517D Product details

General description
The PCA9517 is a CMOS integrated circuit that provides level shifting between low voltage (down to 0.9 V) and higher voltage (2.7 V to 5.5 V) I2C-bus or SMBus applications. While retaining all the operating modes and features of the I2C-bus system during the level shifts, it also permits extension of the I2C-bus by providing bidirectional buffering for both the data (SDA) and the clock (SCL) lines, thus enabling two buses of 400 pF. Using the PCA9517 enables the system designer to isolate two halves of a bus for both voltage and capacitance. The SDA and SCL pins are over voltage tolerant and are high-impedance when the PCA9517 is unpowered.
The 2.7 V to 5.5 V bus B-side drivers behave much like the drivers on the PCA9515A device, while the adjustable voltage bus A-side drivers drive more current and eliminate the static offset voltage. This results in a LOW on the B-side translating into a nearly 0 V LOW on the A-side which accommodates smaller voltage swings of lower voltage logic.
The static offset design of the B-side PCA9517 I/O drivers prevent them from being connected to another device that has rise time accelerator including the PCA9510, PCA9511, PCA9512, PCA9513, PCA9514, PCA9515A, PCA9516A, PCA9517 (B-side), or PCA9518. The A-side of two or more PCA9517s can be connected together, however, to allow a star topography with the A-side on the common bus, and the A-side can be connected directly to any other buffer with static or dynamic offset voltage. Multiple PCA9517s can be connected in series, A-side to B-side, with no build-up in offset voltage with only time of flight delays to consider.
The PCA9517 drivers are not enabled unless VCCA is above 0.8 V and VCC is above 2.5 V. The EN pin can also be used to turn the drivers on and off under system control. Caution should be observed to only change the state of the enable pin when the bus is idle.
The output pull-down on the B-side internal buffer LOW is set for approximately 0.5 V, while the input threshold of the internal buffer is set about 70 mV lower (0.43 V). When the B-side I/O is driven LOW internally, the LOW is not recognized as a LOW by the input. This prevents a lock-up condition from occurring. The output pull-down on the A-side drives a hard LOW and the input level is set at 0.3VCCA to accommodate the need for a lower LOW level in systems where the low voltage side supply voltage is as low as 0.9 V.

Features
■ 2 channel, bidirectional buffer isolates capacitance and allows 400 pF on either side of
   the device
■ Voltage level translation from 0.9 V to 5.5 V and from 2.7 V to 5.5 V
■ Footprint and functional replacement for PCA9515/15A
■ I2C-bus and SMBus compatible
■ Active HIGH repeater enable input
■ Open-drain input/outputs
■ Lock-up free operation
■ Supports arbitration and clock stretching across the repeater
■ Accommodates Standard mode and Fast mode I2C-bus devices and multiple masters
■ Powered-off high-impedance I2C-bus pins
■ A-side operating supply voltage range of 0.9 V to 5.5 V
■ B-side operating supply voltage range of 2.7 V to 5.5 V
■ 5 V tolerant I2C-bus and enable pins
■ 0 Hz to 400 kHz clock frequency (the maximum system operating frequency may be
   less than 400 kHz because of the delays added by the repeater).
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per
   JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Packages offered: SO8 and TSSOP8




Similar Part No. - PCA9517D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517D PHILIPS-PCA9517D Datasheet
107Kb / 13P
Level translating I2C-bus repeater
2004 Oct 05
logo
Texas Instruments
PCA9517D TI-PCA9517D Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517D NXP-PCA9517D Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
PCA9517D TI1-PCA9517D Datasheet
1Mb / 28P
PCA9517 Level-Translating
PCA9517DG4 TI-PCA9517DG4 Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
More results


Similar Description - PCA9517D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
Level translating I2C-bus repeater
2004 Oct 05
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
Level translating I2C-bus repeater
Rev. 02-5 May 2008
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
Level translating I2C-bus repeater
Rev. 4-9 May 2012
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com