Electronic Components Datasheet Search
  English  ▼

X  

NI9265 Datasheet (PDF) - Analog Devices

NI9265 Datasheet PDF - Analog Devices
Part # NI9265
Download  NI9265 Download
File Size   2417.87 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter

NI9265 Datasheet (PDF)

Go To PDF Page Download Datasheet
NI9265 Datasheet PDF - Analog Devices

Part # NI9265
Download  NI9265 Click to download

File Size   2417.87 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter

NI9265 Datasheet (HTML) - Analog Devices


NI9265 Product details

GENERAL DESCRIPTION
The AD9265 is a 16-bit, 125 MSPS analog-to-digital converter (ADC). The AD9265 is designed to support communications applications where high performance combined with low cost, small size, and versatility is desired.

FEATURES
    SNR = 79.0 dBFS at 70 MHz and 125 MSPS
    SFDR = 93 dBc at 70 MHz and 125 MSPS
    Low power: 373 mW at 125 MSPS
    1.8 V analog supply operation
    1.8 V CMOS or LVDS output supply
    Integer 1-to-8 input clock divider
    IF sampling frequencies to 300 MHz
    −154.3 dBm/Hz small signal input noise with 200 Ω input impedance at 70 MHz and 125 MSPS
    Optional on-chip dither
    Programmable internal ADC voltage reference
    Integrated ADC sample-and-hold inputs
    Flexible analog input range: 1 V p-p to 2 V p-p
    Differential analog inputs with 650 MHz bandwidth
    ADC clock duty cycle stabilizer
    Serial port control
    User-configurable, built-in self-test (BIST) capability
    Energy-saving power-down modes

APPLICATIONS
    Communications
    Multimode digital receivers (3G) GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, and TD-SCDMA
    Smart antenna systems
    General-purpose software radios
    Broadband data applications
    Ultrasound equipment




Similar Part No. - NI9265

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9265 NI-NI9265 Datasheet
1Mb / 6P
C Series Digital Output and Relay Modules
NI9265 NI-NI9265 Datasheet
1Mb / 6P
C Series Analog Input Modules
NI9265 NI-NI9265 Datasheet
1Mb / 5P
C Series Analog Output Modules
NI9265 NI-NI9265 Datasheet
451Kb / 5P
C Series Digital Input and Counter/Timer Modules
NI9265 NI-NI9265 Datasheet
388Kb / 9P
4-Channel, 100 kS/s, 16-Bit, 0 to 20 mA Analog Output Module
More results


Similar Description - NI9265

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com