Electronic Components Datasheet Search
  English  ▼

X  

BFG25A Datasheet (PDF) - NXP Semiconductors

BFG25A Datasheet PDF - NXP Semiconductors
Part # BFG25A
Download  BFG25A Download
File Size   289.38 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN 5 GHz wideband transistor

BFG25A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG25A Datasheet PDF - NXP Semiconductors

Part # BFG25A
Download  BFG25A Click to download

File Size   289.38 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN 5 GHz wideband transistor

BFG25A Datasheet (HTML) - NXP Semiconductors


BFG25A Product details

DESCRIPTION
NPN silicon wideband transistor in a four-lead dual emitter SOT143B plastic package (cross emitter).

FEATURES
• Low current consumption (100 µA to 1 mA)
• Low noise figure
• Gold metallization ensures excellent reliability.

APPLICATIONS
• RF low power amplifiers, such as pocket telephones, paging systems, with signal frequencies up to 2 GHz.




Similar Part No. - BFG25A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG25A PHILIPS-BFG25A Datasheet
100Kb / 12P
NPN 5 GHz wideband transistor
1997 Oct 29
BFG25A-X NXP-BFG25A-X Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG25A/X PHILIPS-BFG25A/X Datasheet
100Kb / 12P
NPN 5 GHz wideband transistor
1997 Oct 29
BFG25A/X NXP-BFG25A/X Datasheet
288Kb / 12P
NPN 5 GHz wideband transistor
Rev. 04
BFG25AW PHILIPS-BFG25AW Datasheet
143Kb / 16P
NPN 5 GHz wideband transistors
1998 Sep 23
More results


Similar Description - BFG25A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
NPN 5 GHz wideband transistor
2000 Mar 28
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFQ19 NXP-BFQ19 Datasheet
225Kb / 7P
NPN 5 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFS25A_CNV PHILIPS-BFS25A_CNV_15 Datasheet
259Kb / 13P
NPN 5 GHz wideband transistor
December 1997
logo
Quanzhou Jinmei Electro...
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com